Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVCR1035-LF Datasheet(PDF) 2 Page - Dubilier

Part # DVCR1035-LF
Description  ELECTROLYTIC - 85째C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DVCR1035-LF Datasheet(HTML) 2 Page - Dubilier

  DVCR1035-LF Datasheet HTML 1Page - Dubilier DVCR1035-LF Datasheet HTML 2Page - Dubilier DVCR1035-LF Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
74
SURFACE MOUNT
SMD - 85˚C REDUCED SIZE DVCR
OUTLINE DRAWING
RANGE & CASE SIZE DØ X Lmm
L
W
B
I
I
P
+
2.0 +/-0.5
L
W
B
A
I
I
P
+
-
Part No.
W.V
(V.DC)
Cap
(uF)
ESR
(120Hz/+20C)
max
Ripple Current
(120Hz/+105C)
(mA) rms max
Size
dia/height
DVCR224-LF
4
22
32
14
3X5.5
DVCR2204-LF
4
220
3.2
110
6.3X5.5
DVCR226.3D4-LF
6.3
22
21
31
4X5.5
DVCR336.3-LF
6.3
33
21
28
4X5.5
DVCR476.3-LF
6.3
47
15
34
4X5.5
DVCR1006.3-LF
6.3
100
7
58
5X5.5
DVCR1506.3-LF
6.3
150
4.6
83
6.3X5.5
DVCR2206.3-LF
6.3
220
2.6
88
6.3X5.3
DVCR3306.3-LF
6.3
330
2.1
139
6.3X8
DVCR4706.3-LF
6.3
470
0.99
252
8X10
DVCR10006.3-LF
6.3
1000
0.46
458
10X10
DVCR2210-LF
10
22
18
39
5X5.5
DVCR6810-LF
10
68
7.8
54
5X5.5
DVCR10010-LF
10
100
4
98
6.3X5.5
DVCR22010-LF
10
220
1.8
155
8X6.5
DVCR100010-LF
10
1000
0.34
458
10X10
DVCR1016-LF
16
10
37
18
3X5.5
DVCR1016D4-LF
16
10
33
26
4X5.5
DVCR2216-LF
16
22
20
30
4X5.5
DVCR2216D5-LF
16
22
15
44
5X5.5
DVCR3316-LF
16
33
13
44
5X5.5
DVCR4716-LF
16
47
7.1
75
6.3X5.5
DVCR6816-LF
16
68
6.3
74
6.3X5.5
DVCR10016-LF
16
100
3.3
103
6.3X5.5
DVCR15016-LF
16
150
2.9
109
6.3X8
DVCR22016-LF
16
220
2
144
6.3X8
DVCR33016-LF
16
330
1
252
8X10
DVCR47016-LF
16
470
0.71
252
8X10
DVCR4.725-LF
25
4.7
57
11
3X5.5
DVCR1025-LF
25
10
30
23
4X5.5
DVCR2225-LF
25
22
14
43
5X5.5
DVCR3325-LF
25
33
9
54
5X5.5
DVCR4725-LF
25
47
6.4
75
6.3X5.5
DVCR6825-LF
25
68
4.4
90
6.3X5.5
DVCR10025-LF
25
100
3
124
6.3X8
DVCR22025-LF
25
220
1.1
252
8X10
DVCR33025-LF
25
330
0.7
458
10X10
DVCR47025-LF
25
470
0.49
458
10X10
Part No.
W.V
(V.DC)
Cap
(uF)
ESR
(120Hz/+20C)
max
Ripple Current
(120Hz/+105C)
(mA) rms max
Size
dia/height
DVCR2.235-LF
35
2.2
106
8
3X5.5
DVCR3.335-LF
35
3.3
70
9
3X5.5
DVCR4.735D4-LF
35
4.7
42
20
4X5.5
DVCR1035-LF
35
10
20
34
5X5.5
DVCR2235-LF
35
22
11
47
5X5.5
DVCR3325-LF
35
33
7
67
6.3X5.5
DVCR4735-LF
35
47
4.9
54
6.3X5.5
DVCR6835-LF
35
68
3.4
109
6.3X8
DVCR10035-LF
35
100
2.3
120
6.3X8
DVCR22035-LF
35
220
0.91
458
10X10
DVCR3.350-LF
50
3.3
50
19
4X5.5
DVCR4.750-LF
50
4.7
42
20
4X5.5
DVCR1050-LF
50
10
17
44
6.3X5.5
DVCR2250-LF
50
22
9
59
6.3X5.5
DVCR3350-LF
50
33
6
82
6.3X8
DVCR4750-LF
50
47
4.2
98
6.3X8
DVCR10050-LF
50
100
1.7
458
10X10
DVCR163-LF
63
1
10
166
4X5.5
DVCR2263-LF
63
22
7.5
139
8X10
DVCR3363-LF
63
33
5
139
8X10
DVCR4763-LF
63
47
3.5
226
10X10
DVCR6863-LF
63
68
2.4
226
10X10
DVCR10063-LF
63
100
1.7
226
10X10
DVCR10100-LF
100
10
16.6
94
8X10
DVCR22100-LF
100
22
7.5
189
10X10
DVCR33100-LF
100
33
5
189
10X10
Ø D
L
A
B
I
W
P
3
5.3 +/- 0.2
3.3
3.3
1.5
0.45 to 0.75
0.8
4
5.3 +/- 0.2
4.3
4.3
2.0
0.5 to 0.8
1.0
5
5.3 +/- 0.2
5.3
5.3
2.3
0.5 to 0.8
1.5
6.3
5.3 +/- 0.2
6.6
6.6
2.7
0.5 to 0.8
2.0
8
6.5 +/- 0.3
8.4
8.4
3.4
0.5 to 0.8
2.3
8
10 +/- 0.5
8.4
8.4
3.0
0.7 to 1.1
3.1
10
10 +/- 0.5
10.4
10.4
3.3
0.7 to 1.1
4.7
www.dubilier.co.uk


Similar Part No. - DVCR1035-LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVCR476.3LF DUBILIER-DVCR476.3LF Datasheet
167Kb / 1P
   CRYSTALS REDUCED HEIGHT DXT493
More results

Similar Description - DVCR1035-LF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M Datasheet
87Kb / 2P
   85째C Low Profile 85째C Low Profile Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com