Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1919 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPA1919
Description  Old Company Name in Catalogs and Other Documents
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA1919 Datasheet(HTML) 6 Page - Renesas Technology Corp

  UPA1919 Datasheet HTML 1Page - Renesas Technology Corp UPA1919 Datasheet HTML 2Page - Renesas Technology Corp UPA1919 Datasheet HTML 3Page - Renesas Technology Corp UPA1919 Datasheet HTML 4Page - Renesas Technology Corp UPA1919 Datasheet HTML 5Page - Renesas Technology Corp UPA1919 Datasheet HTML 6Page - Renesas Technology Corp UPA1919 Datasheet HTML 7Page - Renesas Technology Corp UPA1919 Datasheet HTML 8Page - Renesas Technology Corp UPA1919 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet G16298EJ2V0DS
4
μ PA1919
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
- 4
- 8
- 12
- 16
- 20
- 24
0
- 0.5
- 1
- 1.5
- 2
Pulsed
−2.5 V
V GS =
−4.5 V
−4.0 V
VDS - Drain to Source Voltage - V
- 0.000 1
- 0 .0 0 1
- 0 .0 1
- 0 .1
- 1
- 1 0
- 1 0 0
0
- 0 .5- 1- 1 .5- 2- 2 .5- 3
V DS =
− 10 V
Pu ls e d
T A = 125°C
75°C
25°C
− 25°C
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
- 0.4
- 0.6
- 0.8
- 1
- 1.2
- 1.4
-50
0
50
100
150
VDS =
−10 V
ID =
−1.0 mA
0.1
1
10
100
- 0.01
- 0.1
- 1
- 10
- 100
TA = 125°C
75°C
25°C
−25°C
VDS =
−10 V
Pulsed
Tch - Channel Temperature -
°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
40
80
120
160
-50
0
50
100
150
VGS =
−2.5 V
ID =
−3.0 A
Pulsed
VGS =
−4.0 V
VGS =
−4.5 V
0
40
80
120
160
0
- 2
- 4
- 6
- 8
- 10
- 12
ID =
−3.0 A
Pulsed
Tch - Channel Temperature -
°C
VGS - Gate to Source Voltage - V


Similar Part No. - UPA1919

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1919 NEC-UPA1919 Datasheet
73Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1919TE NEC-UPA1919TE Datasheet
73Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
VBsemi Electronics Co.,...
UPA1919TE VBSEMI-UPA1919TE Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - UPA1919

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com