Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1914 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPA1914
Description  Old Company Name in Catalogs and Other Documents
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA1914 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPA1914 Datasheet HTML 1Page - Renesas Technology Corp UPA1914 Datasheet HTML 2Page - Renesas Technology Corp UPA1914 Datasheet HTML 3Page - Renesas Technology Corp UPA1914 Datasheet HTML 4Page - Renesas Technology Corp UPA1914 Datasheet HTML 5Page - Renesas Technology Corp UPA1914 Datasheet HTML 6Page - Renesas Technology Corp UPA1914 Datasheet HTML 7Page - Renesas Technology Corp UPA1914 Datasheet HTML 8Page - Renesas Technology Corp UPA1914 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 1999
MOS FIELD EFFECT TRANSISTOR
µPA1914
P-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No. D13810EJ2V0DS00 (2nd edition)
Date Published May 2001 NS CP(K)
Printed in Japan
The mark
!
!
!
! shows major revised points.
DESCRIPTION
The
µPA1914 is a switching device which can be driven
directly by a 4 V power source.
The
µPA1914 features a low on-state resistance and excellent
switching characteristics, and is suitable for applications such
as power switch of portable machine and so on.
FEATURES
• Can be driven by a 4 V power source
• Low on-state resistance
RDS(on)1 = 57 m
Ω MAX. (VGS = –10 V, ID = –2.5 A)
RDS(on)2 = 86 m
Ω MAX. (VGS = –4.5 V, ID = –2.5 A)
RDS(on)3 = 96 m
Ω MAX. (VGS = –4.0 V, ID = –2.5A)
ORDERING INFORMATION
PART NUMBER
PACKAGE
µPA1914TE
SC-95 (Mini Mold Thin Type)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage
VDSS
–30
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID(DC)
±4.5
A
Drain Current (pulse)
Note1
ID(pulse)
±18
A
Total Power Dissipation
PT1
0.2
W
Total Power Dissipation
Note2
PT2
2W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1 %
2. Mounted on FR-4 Board, t
≤ 5 sec.
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.
PACKAGE DRAWING (Unit : mm)
0.65
0.9 to 1.1
0 to 0.1
0.16
+0.1
–0.06
0.95
12
3
65
4
1.9
2.9 ±0.2
0.32
+0.1
–0.05
0.95
1, 2, 5, 6 : Drain
3
: Gate
4
: Source
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Marking: TF
Gate
Drain


Similar Part No. - UPA1914

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1914 NEC-UPA1914 Datasheet
67Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1914TE NEC-UPA1914TE Datasheet
67Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
VBsemi Electronics Co.,...
UPA1914TE VBSEMI-UPA1914TE Datasheet
457Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - UPA1914

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com