Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WDC Datasheet(PDF) 5 Page - Dubilier

Part # WDC
Description  CERAMIC DISC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

WDC Datasheet(HTML) 5 Page - Dubilier

  WDC Datasheet HTML 1Page - Dubilier WDC Datasheet HTML 2Page - Dubilier WDC Datasheet HTML 3Page - Dubilier WDC Datasheet HTML 4Page - Dubilier WDC Datasheet HTML 5Page - Dubilier WDC Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
9
CAPACITORS
CERAMIC DISC WDC/WDK/WDF
TEMPERATURE CHARACTERISTIC CURVES
HIGH VOLTAGE CAPACITANCE TABLE
SPECIFICATION
Temperature Characteristic
As shown in the table and curves
Capacitance
Within tolerance at 1KHz and 25°C
Minimum Capacitance Tolerance
Temp Char.
Min Cap. Tol.
Y5P
± 10%
Z5U
± 20%
Rated Voltage
1KV, 2KV
Test Voltage
2 times rated voltage
Lead Wire
#24 or #22 AWG tinned copper wire, Pb free
Insulation
Durez coated and high vacuum impregnated
Insulation Resistance
10,000 MΩ min
Lead Spacing Tolerance
± 0.8mm
Note: Alternative lead pitches are available. Please contact our Technical Department for details.
15
10
5
0
-5
-10
-15 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE ϒC
(Hi-K) Y5P (B)
20
10
0
-10
-20
-30
-40
-50
-60
-70
-20
0
20
40
60
80
100
TEMPERATURE ϒC
Z5U (F)
D max
4.0 max
0.6ø
F
Unit: mm
Dia
Standard
W.V.
1KV (3A)
2KV (3D)
MAX Lead Spacing T.C. Y5P
Z5U
Y5P
Z5U
7
5
100-1000
1000-2200
150-270
-
9
5
1200-1800
2700-4700
330-1000
2200-3300
11
5
2200-2700
5600-6800
1200-1800
3900-4700
13
5
3300-4700
8200-10000
2200-2700
-
16
10
-
-
-
10000
MIN CAP. TOL.
±10%
±20%
±10%
±20%
CERAMIC DISC CAPACITORS HIGH VOLTAGE 1KV, 2KV (WDK)
www.dubilier.co.uk


Similar Description - WDC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NTE Electronics
90000 NTE-90000 Datasheet
15Kb / 1P
   1000V CERAMIC DISC
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
Suntan Capacitors
TS15 SUNTAN-TS15_17 Datasheet
177Kb / 1P
   CERAMIC DISC CAPACITOR
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
   CERAMIC DISC CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com