Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHJL Datasheet(PDF) 2 Page - Dubilier

Part # SHJL
Description  TANTALUM CHIP - LOW ESR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

SHJL Datasheet(HTML) 2 Page - Dubilier

  SHJL Datasheet HTML 1Page - Dubilier SHJL Datasheet HTML 2Page - Dubilier SHJL Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
113
SURFACE MOUNT
TANTALUM CHIP - LOW ESR SHJL
RATINGS & PART NUMBER REFERENCE
Dubilier
Part No.
Rated
Voltage
Capacitance
uF
Case
Size
DF Max
DCL Max
ESR Max
MSL @100kHz
100kHz Ripple Current
(mA) Rating
SHJLC1006.3
6.3
100
C
0.08
6.3
150
0.86
SHJLD686.3
6.3
68
D
0.06
4.3
175
0.93
SHJLD1006.3
6.3
100
D
0.08
6.3
150
1.10
SHJLD1506.3
6.3
150
D
0.08
9.5
150
1.22
SHJLD2206.3
6.3
220
D
0.08
14.0
100
1.22
SHJLD3306.3
6.3
330
D
0.12
21.0
100
1.22
SHJLD4706.3
6.3
470
D
0.15
30.0
150
1.00
SHJLE1506.3
6.3
150
E
0.08
9.5
100
1.28
SHJLE2206.3
6.3
220
E
0.08
14.0
100
1.28
SHJLE3306.3
6.3
330
E
0.08
21.0
100
1.28
SHJLE4706.3
6.3
470
E
0.12
30.0
100
1.28
SHJLC1510
10
15
C
0.06
1.5
400
0.52
SHJLC2210
10
22
C
0.06
2.2
375
0.54
SHJLC6810
10
68
C
0.06
6.8
250
0.66
SHJLC10010
10
100
C
0.08
10.0
250
0.66
SHJLD4710
10
47
D
0.06
4.7
200
0.87
SHJLD6810
10
68
D
0.06
6.8
150
1.00
SHJLD10010
10
100
D
0.08
10.0
100
1.22
SHJLD15010
10
150
D
0.08
15.0
100
1.22
SHJLD22010
10
220
D
0.10
22.0
100
1.22
SHJLD33010
10
330
D
0.12
33.0
150
1.00
SHJLE10010
10
100
E
0.08
10.0
100
1.28
SHJLE15010
10
150
E
0.08
15.0
100
1.28
SHJLE22010
10
220
E
0.08
22.0
100
1.28
SHJLE33010
10
330
E
0.10
33.0
100
1.28
SHJLC3316
16
33
C
0.06
5.3
300
0.61
SHJLC4716
16
47
C
0.06
7.5
350
0.61
SHJLD3316
16
33
D
0.06
5.3
175
0.87
SHJLD4716
16
47
D
0.06
7.5
150
0.93
SHJLD6816
16
68
D
0.06
11.0
150
1.00
SHJLD10016
16
100
D
0.08
16.0
125
1.00
SHJLD15016
16
150
D
0.10
24.0
150
1.00
SHJLE10016
16
100
E
0.08
16.0
100
1.28
SHJLE15016
16
150
E
0.08
24.0
100
1.28
SHJLE22016
16
220
E
0.10
35.0
100
1.28
SHJLC1020
20
10
C
0.06
2.0
400
0.49
SHJLD2220
20
22
D
0.06
4.4
225
0.87
SHJLD3320
20
33
D
0.06
6.6
200
0.87
SHJLD4720
20
47
D
0.06
9.4
175
0.77
SHJLD6820
20
68
D
0.06
14.0
200
0.71
SHJLE3320
20
33
E
0.06
6.6
200
0.91
SHJLE4720
20
47
E
0.06
9.4
150
1.05
SHJLE6820
20
68
E
0.06
14.0
150
0.91
SHJLE10020
20
100
E
0.08
20.0
150
1.05
SHJLC4.725
25
4.7
C
0.06
1.2
575
0.46
SHJLD1525
25
15
D
0.06
3.8
275
0.81
SHJLD2225
25
22
D
0.06
5.5
230
0.81
SHJLD3325
25
33
D
0.06
8.3
230
0.81
SHJLD4725
25
47
D
0.06
12.0
250
0.77
SHJLE2225
25
22
E
0.06
5.5
230
0.85
For 10% tolerance, insert ‘K’ in (*) above. For 20% tolerance, insert ‘M’ in (*) above.
www.dubilier.co.uk


Similar Part No. - SHJL

ManufacturerPart #DatasheetDescription
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
SHJLC1025KXXXX DUBILIER-SHJLC1025KXXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
SHJLC1025MXXXX DUBILIER-SHJLC1025MXXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
More results

Similar Description - SHJL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCR HITACHI-TMCR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
NIC-Components Corp.
NTCL NIC-NTCL Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Kemet Corporation
T520V157M006AS KEMET-T520V157M006AS Datasheet
46Kb / 2P
   Low ESR Tantalum Chip Capacitor with Polymer Electrode
logo
AVX Corporation
TPME477M010R0023 AVX-TPME477M010R0023 Datasheet
101Kb / 3P
   Tantalum Ultra Low ESR Capacitor
TPME108K004R0018 AVX-TPME108K004R0018 Datasheet
163Kb / 3P
   Tantalum Ultra Low ESR Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com