Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVCNP2210-LF Datasheet(PDF) 1 Page - Dubilier

Part # DVCNP2210-LF
Description  ELECTROLYTIC NON POLARISED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DVCNP2210-LF Datasheet(HTML) 1 Page - Dubilier

  DVCNP2210-LF Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
78
ORDERING INFORMATION
SURFACE MOUNT
ELECTROLYTIC NON POLARISED DVCNP
OUTLINE DRAWING
SPECIFICATION
RANGE & CASE SIZES
Non Polarised SMT Electrolytic 85°C
Designed for Automatic Insertion and Reflow Soldering
5.5mm High
DVCNP
4.7
35
Series
Capacitance
Voltage
Rated Voltage Range
6.3 ~ 50Vdc
Rated Capacitance Range
0.1 ~ 47µF
Operating Temperature Range
-40° ~+85°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
0.05CV, or 10µA,
After 2 minutes At 20°C
whichever is greater
W.V. (Vdc)
6.3
10
16
25
35
50
Max. Tan∂ @ 120 Hz/20°C
Tan∂ @ 120Hz/20°C
0.3
0.25
0.2
0.15
0.15
0.15
Low Temperature.
W.V. (Vdc)
6.3
10
16
25
35
50
Stability
Z-25°C/Z +20°C
3
3
2
2
2
2
Impedance Ratio @ 120Hz
Z-40°C/Z +20°C
8
5
4
3
3
3
Load Life Test
Capacitance Change
Within ±20% of initial measured value
85°C, 1,000 Hours
Tan∂
Less than 200% of specified value
(Reverse polarity every 250 hours)
Leakage Current
Less than specified value
A
L
0.3 Max
W
I
P
I
B
Ø D
L
A
B
I
W
P
4
5.3 +/- 0.2
4.3
4.3
2.0
0.5 to 0.8
1.0
5
5.3 +/- 0.2
5.3
5.3
2.3
0.5 to 0.8
1.5
6.3
5.3 +/- 0.2
6.6
6.6
2.7
0.5 to 0.8
2.0
Frequency (Hz)/Rated Voltage
50-60
120
1k
10k - 100k
6.3 to 16
0.8
1
1.15
1.25
25 to 35
0.8
1
1.25
1.40
50
0.8
1
1.35
1.50
Part No.
W.V
(V.DC)
Cap
(uF)
ESR
(120Hz/+20C) max
Ripple Current
(120Hz/+105C)
(mA) rms max
Size
dia/height
DVCNP226.3-LF
6.3
22
23
27
5X5.5
DVCNP336.3-LF
6.3
33
15
45
6.3X5.5
DVCNP476.3-LF
6.3
47
11
54
6.3X5.5
DVCNP1010-LF
10
10
50
18
4X5.5
DVCNP2210-LF
10
22
19
40
6.3X5.5
DVCNP3310-LF
10
33
13
50
6.3X5.5
DVCNP4.716-LF
16
4.7
88
14
4X5.5
DVCNP1016-LF
16
10
33
26
5X5.5
DVCNP2216-LF
16
22
15
45
6.3X5.5
DVCNP3316-LF
16
33
10
55
6.3X5.5
DVCNP3.325-LF
25
3.3
101
13
4X5.5
DVCNP4.725-LF
25
4.7
53
20
5X5.5
DVCNP1025-LF
25
10
25
35
6.3X5.5
DVCNP2.235-LF
35
2.2
151
10
4X5.5
DVCNP3.335-LF
35
3.3
75
17
5X5.5
DVCNP4.735-LF
35
4.7
53
21
5X5.5
DVCNP1035-LF
35
10
25
35
6.3X5.5
DVCNP0.150-LF
50
0.1
3320
2.3
4X5.5
DVCNP0.2250-LF
50
0.22
1510
3.3
4X5.5
DVCNP0.3350-LF
50
0.33
1010
4.1
4X5.5
DVCNP0.4750-LF
50
0.47
706
4.9
4X5.5
DVCNP150-LF
50
1
332
7.2
4X5.5
DVCNP2.250-LF
50
2.2
113
14
5X5.5
DVCNP3.350-LF
50
3.3
75
17
5X5.5
DVCNP4.750-LF
50
4.7
53
24
6.3X5.5
COEFFICIENT OF FREQ FOR RATED RIPPLE
LF
Lead Free
www.dubilier.co.uk


Similar Part No. - DVCNP2210-LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVCNP4.735LF DUBILIER-DVCNP4.735LF Datasheet
108Kb / 1P
   SURFACE MOUNT ELECTROLYTIC NON POLARISED DVCNP
More results

Similar Description - DVCNP2210-LF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DVCNP4.735LF DUBILIER-DVCNP4.735LF Datasheet
108Kb / 1P
   SURFACE MOUNT ELECTROLYTIC NON POLARISED DVCNP
DBC12.02T DUBILIER-DBC12.02T Datasheet
206Kb / 1P
   POLARISED 2.0mm PITCH
logo
Nais(Matsushita Electri...
SD2D-DC5V NAIS-SD2D-DC5V Datasheet
244Kb / 5P
   POLARISED, MONOSTABLE SAFETY RELAY
logo
Dubilier
DBC12.52T DUBILIER-DBC12.52T Datasheet
288Kb / 1P
   LOW PROFILE POLARISED 2.5mm PITCH
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Dubilier
CEBNP DUBILIER-CEBNP Datasheet
250Kb / 2P
   ALUMINIUM ELECTROLYTIC NON - POLAR RADIAL
logo
NIC-Components Corp.
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
NTE Electronics
NPR47M50 NTE-NPR47M50 Datasheet
81Kb / 2P
   NON−POLAR ALUMINUM ELECTROLYTIC
logo
NIC-Components Corp.
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com