Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5238BW Datasheet(PDF) 4 Page - Diode Semiconductor Korea

Part # MMBZ5238BW
Description  200mW Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBZ5238BW Datasheet(HTML) 4 Page - Diode Semiconductor Korea

  MMBZ5238BW Datasheet HTML 1Page - Diode Semiconductor Korea MMBZ5238BW Datasheet HTML 2Page - Diode Semiconductor Korea MMBZ5238BW Datasheet HTML 3Page - Diode Semiconductor Korea MMBZ5238BW Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
200mW Surface Mount Zener Diode
MMBZ5221BW-5259BW
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
MMBZ5221BW-5259BW
SOT-23
3000/Tape&Reel
SOT-323
Dim
Min
Max
A
1.8
2.2
B
1.15
1.35
C
1.0Typical
D
0.15
0.35
E
0.25
0.40
G
1.2
1.4
H
0.02
0.1
J
0.1Typical
K
2.1
2.3
All Dimensions in mm
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - MMBZ5238BW

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBZ5238BW JIANGSU-MMBZ5238BW Datasheet
1Mb / 5P
   ZENER DIODE
More results

Similar Description - MMBZ5238BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com