Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7000-GP003 Datasheet(PDF) 3 Page - Supertex, Inc

Part # 2N7000-GP003
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

2N7000-GP003 Datasheet(HTML) 3 Page - Supertex, Inc

  2N7000-GP003 Datasheet HTML 1Page - Supertex, Inc 2N7000-GP003 Datasheet HTML 2Page - Supertex, Inc 2N7000-GP003 Datasheet HTML 3Page - Supertex, Inc 2N7000-GP003 Datasheet HTML 4Page - Supertex, Inc 2N7000-GP003 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
2N7000
Supertex inc.
www.supertex.com
Doc.# DSFP-2N7000
C0628213
Typical Performance Curves
2.5
2.0
1.5
1.0
0.5
0 0
10
20
30
40
50
0
2
4
6
8
10
0.1
1.0
10
100
1.0
0.1
0.01
0.001
1.0
0.8
0.6
0.4
0.2
0
1.0
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
2.0
1.0
0
TO-92
T
A = -55
O
C
25OC
TO-92 (pulsed)
8V
6V
4V
0.001
0.01
0.1
1.0
10
8V
6V
4V
TO-92 (DC)
T
C = 25
O
C
TO-92
P
D = 1.0W
T
C = 25
O
C
V
GS = 10V
Saturation Characteristics
Maximum Rated Safe Operating Area
Thermal Response Characteristics
Transconductance vs. Drain Current
Power Dissipation vs. Case Temperature
Output Characteristics
V
DS (volts)
T
C (
O
C)
I
D (amperes)
V
DS (volts)
t
p (seconds)
V
DS (volts)
V
GS = 10V
V
DS = 25V
125OC
2.5
2.0
1.5
1.0
0.5
0


Similar Part No. - 2N7000-GP003

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
2N7000-G SUTEX-2N7000-G Datasheet
524Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - 2N7000-GP003

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN1306 SUTEX-VN1306 Datasheet
28Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com