Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV809LG-G Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV809LG-G
Description  Off-Line, High Voltage EL Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV809LG-G Datasheet(HTML) 1 Page - Supertex, Inc

  HV809LG-G Datasheet HTML 1Page - Supertex, Inc HV809LG-G Datasheet HTML 2Page - Supertex, Inc HV809LG-G Datasheet HTML 3Page - Supertex, Inc HV809LG-G Datasheet HTML 4Page - Supertex, Inc HV809LG-G Datasheet HTML 5Page - Supertex, Inc HV809LG-G Datasheet HTML 6Page - Supertex, Inc HV809LG-G Datasheet HTML 7Page - Supertex, Inc HV809LG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-HV809
B071013
HV809
Features
Processed with HVCMOS® technology
Input voltage up to 200V DC
400V peak-to-peak output voltage
Output load up to 350nF (100in2 for 3.5nF/in2 lamp)
Adjustable output lamp frequency
Adjustable on/off pulsing frequency
Applications
Electronic organizers
Handheld portable computers
Display signs
Portable instrumentation equipment
General Description
The Supertex HV809 is an off-line, high voltage, EL lamp
driver integrated circuit designed for driving EL lamps of up to
350nF at 400Hz. The input supply voltage can be a rectified
nominal 120V AC source or any other DC source up to 200V.
The HV809 will supply the EL lamp with an AC square wave
with a peak-to-peak voltage of two times the input DC voltage.
The HV809 has two internal oscillators, a low voltage output
linear regulator, and a high voltage output H-bridge. The high
voltage output H-bridge frequency is set by an external resis-
tor connected between the REL-Osc and GND pins. The EL
lamp is connected between pins VA and VB. For the HV809 in
the 8-pin package, an external RC network can be connected
between the oscillator’s Osc1 and Osc2 pins to pulse the EL
lamp on and off.
For detailed circuit and application information please refer to
Application Note AN-H36.
Block Diagram
GND
HVIN
VDD
Osc2
Osc1
REL-Osc
VA
VB
Q
Q
Q
Q
Logic
and
Osc
Linear
Regulator
Off-Line, High Voltage
EL Lamp Driver


Similar Part No. - HV809LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809LG-G SUTEX-HV809LG-G Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
More results

Similar Description - HV809LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV809 SUTEX-HV809_07 Datasheet
478Kb / 7P
   Off-Line, High Voltage EL Lamp Driver
HV809 SUTEX-HV809 Datasheet
325Kb / 4P
   Off-Line High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com