Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS60-050L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # CS60-050L
Description  50/60 Hz Current Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS60-050L Datasheet(HTML) 1 Page - Coilcraft lnc.

  CS60-050L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
50/60 Hz Current Sensor CS60-010
Document 134
Document 134 Revised 02/22/12
The CS60 series is designed to measure current from 5
to 100 Arms. Applications include sensing branch circuit
overload and detecting load drop or shutdown. The sen-
sor functions as the encapsulated secondary of a current
transformer, while the conductor carrying the current to
be measured serves as the “one turn primary.” Sensitivity
may be enhanced by increasing primary turns.
These parts are mountable on printed circuits and have a
third terminal added for mechanical stability.
Samples of these and other current sensors are available
for evaluation.To request samples, contact Coilcraft or visit
www.coilcraft.com.
Part
Sensed
Vout
number
current (Irms)
tolerance
CS60-050L
5-50 Arms
±10%
CS60-075L
5-75 Arms
±10%
CS60-100L
5-100 Arms
±10%
(For sensed current below 10 Arms, see CS60-010 data sheet)
1. Ambient temperature range –40°C to +85°C.
2. Electrical specifications at 25°C.
Typical Response
0.600 ±0.010
15,24 ±0,254
0.150 ±0.030
3,81 ±0,762
0.350
8,89
1.25
31,75
0.750
19,05
min
max
Part number
max
dia
0.042 ±0.002
1,07 ±0,05
1.10
27,94
max
0.250 ±0.010
6,35 ±0,254
1
4
2
(N.C.)
CS60-0xxL
XXXXY
Internal code
Parts manufactured
prior to February, 2012
maybe marked
differently.
Current (A rms)
Weight 13.8 – 15.4 g
Terminations Tin-silver over copper
Packaging 30 per tray
Typical Circuit
41
2 (N.C.)
Irms
220
Vout rms
Dimensions are in
inches
mm


Similar Part No. - CS60-050L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS60-010L COILCRAFT-CS60-010L Datasheet
86Kb / 1P
   50/60Hz Current Sensor
CS60-010L COILCRAFT-CS60-010L Datasheet
264Kb / 1P
   50/60Hz Current Sensor ??CS60-010
CS60-010 COILCRAFT-CS60-010_13 Datasheet
264Kb / 1P
   50/60Hz Current Sensor ??CS60-010
More results

Similar Description - CS60-050L

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
ASM-010 TALEMA-ASM-010 Datasheet
47Kb / 1P
   Current Sensor for 50/60 Hz
logo
TRIAD MAGNETICS
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
CST-1020 TRIAD-CST-1020 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
Coilcraft lnc.
CS2106L COILCRAFT-CS2106L_15 Datasheet
325Kb / 1P
   50/60 Hz Current Sense Transformer
CS2106L COILCRAFT-CS2106L Datasheet
206Kb / 1P
   50/60 Hz Current Sensing Transforme
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
CST-1015 TRIAD-CST-1015 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
RENCO ELECTRONICS, INC.
RL-7100 RENCO-RL-7100 Datasheet
1Mb / 3P
   LOW COST 50/60 Hz CURRENT SENSORS
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS
logo
PREMO CORPORATION S.L
TC-1012505 PREMO-TC-1012505 Datasheet
231Kb / 2P
   50/60 Hz industrial Current Transformer up to 600A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com