Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFD2015-822MED Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # PFD2015-822MED
Description  Wideband Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFD2015-822MED Datasheet(HTML) 2 Page - Coilcraft lnc.

  PFD2015-822MED Datasheet HTML 1Page - Coilcraft lnc. PFD2015-822MED Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Document 1005W-2 Revised 09/08/15
Document 1005C-W
PFD2015 Wideband Transformers
Typical Wideband Response Curves
5
4
3
2
1
0
0.1
1
1000
10
100
Frequency (MHz)
PFD2015-102
3 dB bandwidth: 4.6 – 750 MHz
5
4
3
2
1
0
0.1
1
1000
10
100
Frequency (MHz)
PFD2015-122
3 dB bandwidth: 4.0 – 730 MHz
5
4
3
2
1
0
0.1
1
1000
10
100
Frequency (MHz)
PFD2015-182
3 dB bandwidth: 2.2 – 490 MHz
5
4
3
2
1
0
0.1
1
1000
10
100
Frequency (MHz)
PFD2015-272
3 dB bandwidth: 1.5 – 410 MHz
5
4
3
2
1
0
0.1
1
1000
10
100
Frequency (MHz)
PFD2015-332
3 dB bandwidth: 1.2 – 340 MHz
5
4
3
2
1
0
0.1
1
1000
10
100
Frequency (MHz)
PFD2015-472
3 dB bandwidth: 0.8 – 230 MHz
5
4
3
2
1
0
0.1
1
1000
10
100
Frequency (MHz)
PFD2015-682
3 dB bandwidth: 0.6 – 200 MHz
5
4
3
2
1
0
0.1
1
1000
10
100
Frequency (MHz)
PFD2015-822
3 dB bandwidth: 0.5 – 174 MHz
5
4
3
2
1
0
0.1
1
1000
10
100
Frequency (MHz)
PFD2015-103
3 dB bandwidth: 0.4 – 130 MHz


Similar Part No. - PFD2015-822MED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFD2015-822MED COILCRAFT-PFD2015-822MED Datasheet
529Kb / 2P
   Common Mode Chokes
More results

Similar Description - PFD2015-822MED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com