Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFD2015-182MED Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PFD2015-182MED
Description  Wideband Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFD2015-182MED Datasheet(HTML) 1 Page - Coilcraft lnc.

  PFD2015-182MED Datasheet HTML 1Page - Coilcraft lnc. PFD2015-182MED Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Document 1005W-1 Revised 09/08/15
Document 1005W-1
Dimensions are in inches
mm
WidebandTransformers–PFD2015
Insertion
DCR
Bandwidth
loss max
L min2
max2
Part number1
(MHz)
(dB)
(µH)
(Ohms)
PFD2015-102ME_
4.6 – 750
0.5
0.80
0.165
PFD2015-122ME_
4.0 – 730
0.4
0.96
0.175
PFD2015-182ME_
2.2 – 490
0.4
1.44
0.294
PFD2015-272ME_
1.5 – 410
0.4
2.16
0.477
PFD2015-332ME_
1.2 – 340
0.5
2.64
0.670
PFD2015-472ME_
0.8 – 230
0.4
3.76
1.00
PFD2015-682ME_
0.6 – 200
0.5
5.44
1.75
PFD2015-822ME_
0.5 – 174
0.5
6.56
2.50
PFD2015-103ME_
0.4 – 130
0.7
8.00
3.40
1. When ordering, please specify
packaging code:
PFD2015-103MEC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).
2. Inductance is for each winding, measured at 100 kHz, 0.1 Vrms, 0 Adc
on an Agilent/HP 4284A LCR meter or equivalent.
3. DCR is for each winding.
4. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Miniature surface mount component, only 2.2 × 1.45 mm
footprint and 1.5 mm tall
• Typical applications are as impedance or isolation transformer
• Can be used for balanced to unbalanced (balun) conversion
• 1/4 Watt input RF power rating
2
1
4
11
:
3
0.059
1,5
max
max
0.060
1,52
0.017
0,432
0.044
1,118
0.028
0,711
0.016
0,406
0.022
0,559
0.054
1,36
0.014 ±0.003
0,356 ±0,076
0.010
0,25
Recommended
Land Pattern
max
0.090
2,29
12
4
3
1
2
4
3
Core material Ferrite
Environmental RoHS compliant, halogen free
Weight 13 – 23 mg
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Winding to winding isolation 250 Vrms, one minute
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.63 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCBt_Washing.pdf.


Similar Part No. - PFD2015-182MED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFD2015-182MED COILCRAFT-PFD2015-182MED Datasheet
529Kb / 2P
   Common Mode Chokes
More results

Similar Description - PFD2015-182MED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com