Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFL2015-102MEC Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # PFL2015-102MEC
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFL2015-102MEC Datasheet(HTML) 2 Page - Coilcraft lnc.

  PFL2015-102MEC Datasheet HTML 1Page - Coilcraft lnc. PFL2015-102MEC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PFL2015 Series
Document 876-2
L vs Current
L vs Frequency
Dimensions are in
inches
mm
0.1
1
10
0.1
1
100
10
Frequency (MHz)
6.8 µH
4.7 µH
2.2 µH
3.3 µH
1.0 µH
0.56 µH
0.68 µH
0.1
1
10
0.01
0.1
10
1
Current (A)
6.8 µH
4.7 µH
3.3 µH
2.2 µH
1.0 µH
0.56 µH
0.68 µH
Terminal wraparound:
approx 0.010/0,254 both ends
Recommended
Land Pattern
0.087
2,20
0.015
0,38
0.059
1,50
max
max
0.057
1,45
0.040
1,02
max
0.012
0,305
0.012
0,305
0.056
1,42
0.050
1,27
0.070
1,78
0.070
1.78
Document 876-2 Revised 09/13/15


Similar Part No. - PFL2015-102MEC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFL2010-102MEB COILCRAFT-PFL2010-102MEB Datasheet
202Kb / 1P
   Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
PFL2010-102MEB COILCRAFT-PFL2010-102MEB Datasheet
389Kb / 2P
   Shielded Power Inductors
PFL2010-102MEC COILCRAFT-PFL2010-102MEC Datasheet
389Kb / 2P
   Shielded Power Inductors
PFL2010-102MED COILCRAFT-PFL2010-102MED Datasheet
389Kb / 2P
   Shielded Power Inductors
PFL2010-222MEB COILCRAFT-PFL2010-222MEB Datasheet
202Kb / 1P
   Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
More results

Similar Description - PFL2015-102MEC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com