Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMDS181RGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS181RGZT
Description  6 Gbps TMDS Retimer
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181RGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMDS181RGZT Datasheet HTML 5Page - Texas Instruments TMDS181RGZT Datasheet HTML 6Page - Texas Instruments TMDS181RGZT Datasheet HTML 7Page - Texas Instruments TMDS181RGZT Datasheet HTML 8Page - Texas Instruments TMDS181RGZT Datasheet HTML 9Page - Texas Instruments TMDS181RGZT Datasheet HTML 10Page - Texas Instruments TMDS181RGZT Datasheet HTML 11Page - Texas Instruments TMDS181RGZT Datasheet HTML 12Page - Texas Instruments TMDS181RGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
TMDS181, TMDS181I
www.ti.com
SLASE75C – AUGUST 2015 – REVISED JULY 2016
Product Folder Links: TMDS181 TMDS181I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C unless otherwise noted
6.6 TMDS Differential Input Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
DR_RX_DATA_R
T
TMDS data lanes data rate
(Retimer Mode)
0.25
6
Gbps
DR_RX_DATA_R
D
TMDS data lanes data rate
(Redriver Mode)
0.25
3.4
Gbps
DR_RX_CLK
TMDS clock lanes clock rate
25
340
MHz
tRX_DUTY
Input clock duty circle
40%
50%
60%
tCLK_JIT
Input clock jitter tolerance
0.3
Tbit
tDATA_JIT
Input data jitter tolerance
Test the TTP2, see Figure 12
150
ps
tRX_INTRA
Input intrapair skew tolerance
Test at TTP2 when DR = 1.6 Gbps, see
Figure 12
112
ps
tRX_INTER
Input interpair skew tolerance
1.8
ns
EQH(D)
Fixed EQ gain for data lane
IN_D(0,1,2)n/p
EQ_SEL/A0 = H; fixed EQ gain, test at 6
Gbps
15
dB
EQL(D)
Fixed EQ gain for data lane
IN_D(0,1,2)n/p
EQ_SEL/A0 = L; fixed EQ gain, test at 6
Gbps
7.5
dB
EQZ(D)
Adaptive EQ gain for data lane
IN_D(0,1,2)n/p
EQ_SEL/A0 = NC; adaptive EQ
(Retimer Mode Only)
2
15
dB
EQ(c)
EQ gain for clock lane IN_CLKn/p
EQ_SEL/A0 = H,L,NC
3
dB
RINT
Input differential termination
impedance
85
100
115
VITERM
Input termination voltage
OE = H
3.3
3.465
V


Similar Part No. - TMDS181RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181RGZT TI1-TMDS181RGZT Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
More results

Similar Description - TMDS181RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com