Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMDS181RGZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS181RGZR
Description  6 Gbps TMDS Retimer
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181RGZR Datasheet(HTML) 5 Page - Texas Instruments

  TMDS181RGZR Datasheet HTML 1Page - Texas Instruments TMDS181RGZR Datasheet HTML 2Page - Texas Instruments TMDS181RGZR Datasheet HTML 3Page - Texas Instruments TMDS181RGZR Datasheet HTML 4Page - Texas Instruments TMDS181RGZR Datasheet HTML 5Page - Texas Instruments TMDS181RGZR Datasheet HTML 6Page - Texas Instruments TMDS181RGZR Datasheet HTML 7Page - Texas Instruments TMDS181RGZR Datasheet HTML 8Page - Texas Instruments TMDS181RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5
TMDS181, TMDS181I
www.ti.com
SLASE75C – AUGUST 2015 – REVISED JULY 2016
Product Folder Links: TMDS181 TMDS181I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
(H) Logic high (pin strapped to VCC through 65 kΩ resistor); (L) Logic Low (pin strapped to GND through 65 kΩ resistor); (for mid-level
= No connect)
(2)
G = Ground, I = Input, O = Output, P = Power
Pin Functions(1)
PIN
TYPE(2)
DESCRIPTION
NAME
NO.
VCC
13, 43
P
3.3 V power supply
VDD
14, 23, 24, 37, 48
P
1.2 V power supply
GND
7, 19, 41, 30,
Thermal pad
G
Ground
MAIN LINK INPUT PINS
IN_D2p/n
2, 3
I
Channel 2 differential input
IN_D1p/n
5, 6
I
Channel 1 differential input
IN_D0p/n
8, 9
I
Channel 0 differential input
IN_CLKp/n
11, 12
I
Clock differential input
MAIN LINK OUTPUT PINS (FAIL SAFE)
OUT_D2n/p
34, 35
O
TMDS data 2 differential output
OUT_D1n/p
31, 32
O
TMDS data 1 differential output
OUT_D0n/p
28, 29
O
TMDS data 0 differential output
OUT_CLKn/p
25, 26
O
TMDS data clock differential output
HOT PLUG DETECT PINS
HPD_SRC
4
O
Hot plug detect output to source side
HPD_SNK
33
I
Hot plug detect input from sink side
AUDIO RETURN CHANNEL AND DDC PINS
SPDIF_IN
ARC_OUT
45
44
I/O
SPDIF signal input
Audio return channel output
SDA_SRC
SCL_SRC
47
46
I/O
Source side TMDS port bidirectional DDC data line
Source side TMDS port bidirectional DDC clock line
SDA_SNK
SCL_SNK
39
38
I/O
Sink side TMDS port bidirectional DDC data line
Sink side TMDS port bidirectional DDC clock line
CONTROL PINS
OE
42
I
Operation enable/reset pin
OE = L: Power-down mode
OE = H: Normal operation
Internal weak pull up: Resets device when transitions from H to L
SIG_EN
17
I
Signal detector circuit enable
SIG_EN = L: Signal detect circuit disabled:
SIG_EN = H: Signal detect circuit enabled: When no valid clock device enters
standby mode.
Internal weak pull down
PRE_SEL
20
I
3 level
De-emphasis control when I2C_EN/PIN = Low.
PRE_SEL = L: –2 dB
PRE_SEL = No Connect: 0 dB
PRE_SEL = H: Reserved
When I2C_EN/PIN = High de-emphasis is controlled through I2C
EQ_SEL/A0
21
I
3 level
Input receive equalization pin strap when I2C_EN/PIN = Low
EQ_SEL = L: Fixed EQ at 7.5 dB at 3 GHz
EQ_SEL = No Connect: Adaptive EQ
EQ_SEL = H: Fixed at 14 dB at 3 GHz
When I2C_EN/PIN = High address bit 1
Note: 3 level for pin strap programming but 2 level when I2C address
I2C_EN/PIN
10
I
I2C_EN/PIN = High; puts device into I2C Control Mode
I2C_EN/PIN = Low; puts device into pin strap mode
Note: I2C CSR is addressable at all times, but features that can be controlled by pin
strapping can only be changed by I2C when this pin is pulled high
SCL_CTL
15
I
I2C clock signal
Note: When I2C_EN = Low Pin strapping takes priority and those functions cannot be
changed by I2C


Similar Part No. - TMDS181RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181RGZR TI1-TMDS181RGZR Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
More results

Similar Description - TMDS181RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com