Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL140-108LD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # PL140-108LD
Description  SMT Planar Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PL140-108LD Datasheet(HTML) 2 Page - Coilcraft lnc.

  PL140-108LD Datasheet HTML 1Page - Coilcraft lnc. PL140-108LD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PL140 Series SMT Planar Transformers
Dimensions
Document 417-2
0.360
9,14
max
0.810
20,57
max
0.920
23,37
max
0.006 /0,15
2
3
4
6
8
9
7
10
Dot indicates pin 1
0.800
20,32
Recommended
Land Pattern
0.125
3,18
0.095
2,41
Ø 0.110
2,79
Ø 0.080
2,03
2
1
3
10
6
7
8
9
4
5
Padfor pin3 not necessaryfor
schematics B,D and F. Padfor pin 8
is not necessaryfor schematics C
and D. Pads1 and5 are only needed
for optional auxiliary winding.
Note:
Core material Ferrite
Terminations Matte tin over nickel over brass.
Weight 10.9 – 12 g
Ambient temperature –40°C to +85°C
Maximum part temperature: +125°C (ambient + temp rise)
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 200/13
″ reel Plastic tape: 44 mm wide, 0.37 mm thick,
32 mm pocket spacing, 9.35 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
Document 417-2 Revised 03/11/11


Similar Part No. - PL140-108LD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PL140-108L COILCRAFT-PL140-108L Datasheet
160Kb / 2P
   SMT Planar Transformers
More results

Similar Description - PL140-108LD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PL160 COILCRAFT-PL160_16 Datasheet
157Kb / 2P
   SMT Planar Transformers
PL300 COILCRAFT-PL300_15 Datasheet
471Kb / 2P
   SMT Planar Transformers
PL140-100L COILCRAFT-PL140-100L Datasheet
160Kb / 2P
   SMT Planar Transformers
logo
MPS Industries, Inc.
PI25T MPSIND-PI25T Datasheet
520Kb / 1P
   SMT HIGH CURRENT PLANAR TRANSFORMERS
logo
Dongguan Mentech Optica...
TPEIR25-0179SG MNC-TPEIR25-0179SG Datasheet
262Kb / 1P
   PLANAR TRANSFORMERS
logo
Bourns Electronic Solut...
PLN BOURNS-PLN Datasheet
859Kb / 4P
   Planar Transformers
Mar 31, 2015
logo
Pulse A Technitrol Comp...
PA0648NL PULSE-PA0648NL Datasheet
78Kb / 1P
   SMT TRANSFORMERS
logo
Dongguan Mentech Optica...
TPEIR19-0150SG MNC-TPEIR19-0150SG Datasheet
277Kb / 1P
   PLANAR TRANSFORMERS
TPER30-0010SG MNC-TPER30-0010SG Datasheet
249Kb / 1P
   PLANAR TRANSFORMERS
logo
Frontier Electronics.
PT FRONTIER-PT Datasheet
182Kb / 2P
   PLANAR TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com