Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9120DY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI9120DY
Description  Universal Input Switchmode Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9120DY Datasheet(HTML) 6 Page - Vishay Siliconix

  SI9120DY Datasheet HTML 1Page - Vishay Siliconix SI9120DY Datasheet HTML 2Page - Vishay Siliconix SI9120DY Datasheet HTML 3Page - Vishay Siliconix SI9120DY Datasheet HTML 4Page - Vishay Siliconix SI9120DY Datasheet HTML 5Page - Vishay Siliconix SI9120DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Si9120
Vishay Siliconix
www.vishay.com
6
Document Number: 70006
S-42042—Rev. H, 15-Nov-04
DETAILED DESCRIPTION (CONT’D)
Reference Section
The reference section of the Si9120 consists of a temperature
compensated buried zener and trimmable divider network.
The output of the reference section is connected internally to
the non-inverting input of the error amplifier. Nominal reference
output voltage is 4 V. The trimming procedure that is used on
the Si9120 brings the output of the error amplifier (which is
configured for unity gain during trimming) to within "2% of 4 V.
This compensates for input offset voltage in the error amplifier.
The output impedance of the reference section has been
purposely made high so that a low impedance external voltage
source can be used to override the internal voltage source, if
desired, without otherwise altering the performance of the
device.
Error Amplifier
Closed-loop regulation is provided by the error amplifier, which
is intended for use with “around-the-amplifier” compensation.
A MOS differential input stage provides for high input
impedance. The noninverting input to the error amplifier
(VREF) is internally connected to the output of the reference
supply and should be bypassed with a small capacitor to
ground.
Oscillator Section
The oscillator consists of a ring of CMOS inverters, capacitors,
and a capacitor discharge switch. Frequency is set by an
external resistor between the OSC IN and OSC OUT pins.
(See Typical Characteristics for details of resistor value vs.
frequency.) The DISCHARGE pin should be tied to −VIN for
normal internal oscillator operation. A frequency divider in the
logic section limits switch duty cycle to v 50% by locking the
switching frequency to one half of the oscillator frequency.
SHUTDOWN and RESET
SHUTDOWN (pin 12) and RESET (pin 13) are intended for
overriding the output MOSFET switch via external control
logic. The two inputs are fed through a latch preceding the
output switch. Depending on the logic state of RESET.
SHUTDOWN can be either a latched or unlatched input. The
output is off whenever SHUTDOWN is low. By simultaneously
having SHUTDOWN and RESET low, the latch is set and
SHUTDOWN has no effect until RESET goes high. See
Table TABLE 1.
Both pins have internal current source pull-ups and should be
left disconnected when not in use. An added feature of the
current sources is the ability to connect a capacitor and an
open-collector driver to the SHUTDOWN or RESET pins to
provide variable shutdown time.
TABLE 1.
TRUTH TABLE FOR SHUTDOWN AND
RESET PINS
SHUTDOWN
RESET
OUTPUT
H
H
Normal Operation
H
Normal Operation (No Change)
L
H
Off (Not Latched)
L
L
Off (Latched)
L
Off (Latched—No Change)
Output Driver
The push-pull driver output has a typical on-resistance of 20-W
maximum switching times are specified at 75 ns for a 500-pF
load. This is sufficient to directly drive MOSFETs such as the
IRF820, BUZ78 or BUZ80. Larger devices can be driven, but
switching times will be longer, resulting in higher switching
losses.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?70006.


Similar Part No. - SI9120DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9120 VISHAY-SI9120 Datasheet
170Kb / 9P
   Universal Input Switchmode Controller
01-Jan-2022
SI9120 VISHAY-SI9120_V01 Datasheet
170Kb / 9P
   Universal Input Switchmode Controller
01-Jan-2022
More results

Similar Description - SI9120DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9120 VISHAY-SI9120_V01 Datasheet
170Kb / 9P
   Universal Input Switchmode Controller
01-Jan-2022
logo
List of Unclassifed Man...
GT-100 ETC2-GT-100 Datasheet
220Kb / 2P
   100 Watts, Switchmode Power Supply, Single Output, Enclosed, Universal Input
logo
Vishay Siliconix
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
SI9114A VISHAY-SI9114A Datasheet
80Kb / 5P
   High-Frequency Switchmode Controller
Rev. E, 15-Nov-04
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9145 VISHAY-SI9145 Datasheet
74Kb / 10P
   Low-Voltage Switchmode Controller
Rev. K, 19-Apr-04
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
logo
Emerson Network Power
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
   Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
   Universal input
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com