Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL160-103L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PL160-103L
Description  SMT Planar Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PL160-103L Datasheet(HTML) 1 Page - Coilcraft lnc.

  PL160-103L Datasheet HTML 1Page - Coilcraft lnc. PL160-103L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Primary
Primary
Leakage
Volt-time
Height
Part
turns
inductance2 inductance3
DCR max (mOhms)
product typ5
max
number1
N1
N2
min (µH)
max (µH)
Primary (N1) Primary (N2) Secondary4
(Vµsec)
(in/mm)
PL160-100L
4
4
153
0.35
14.7
14.7
6.8
150
0.352 / 8.94
PL160-101L
4
5
194
0.40
14.7
18.5
6.8
168
0.352 / 8.94
PL160-102L
5
5
240
0.45
18.5
18.5
6.8
187
0.360 / 9.14
PL160-103L
5
6
290
0.55
18.5
21.5
6.8
206
0.375 / 9.53
PL160-104L
6
6
345
0.55
21.5
21.5
6.8
224
0.375 / 9.53
SMT Planar Transformers
Document 1072-1
Document 1072-1 Revised 05/04/15
1. To order a transformer with an optional
auxiliary winding, add an “X” and the turn count after the PL160, e.g. PL160X3-100LB.
Turn counts of 2, 3, 4, 5, 7 and 9 are available for the auxiliary winding. Transformers with auxiliary windings are not stocked.
2. Inductance measured on an Agilent/HP 4284 at 200 kHz, 0.5 Vrms, 0 Adc between pins 2 and 5 with pins 3 and 4 connected.
3. Leakage inductance measured at 200 kHz, 0.5 Vrms, 0 Adc between pins 2 and 5, with pins 3 and 4 connected, and with all
secondary pins shorted.
4. DCR for secondary is measured between pins 7 and 11.
5. Volt-time product is based on primary windings connected in series.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
For Applications
up to 160 Watts
2
3
1
4
5
6
9
8
7
10
11
Pri N1
Pri N2
Aux (Opt)
1T
1T
1T
1T
Core material Ferrite
Terminations Matte tin over nickel over brass
Weight 12.0 – 12.8 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tray packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 36 per tray
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf
• Rated for 160 Watts
• Designed to operate between 200 kHz and 700 kHz with a
nominal 48 V input.
• High efficiency; excellent DCR; very low leakage inductance;
1500 Vrms, one minute primary to secondary isolation.
• Provides 0.009(0.229 mm) clearance above the seating plane
• May be special ordered with an auxiliary winding


Similar Part No. - PL160-103L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PL160Z STMICROELECTRONICS-PL160Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
More results

Similar Description - PL160-103L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PL300 COILCRAFT-PL300_15 Datasheet
471Kb / 2P
   SMT Planar Transformers
PL140-100L COILCRAFT-PL140-100L Datasheet
160Kb / 2P
   SMT Planar Transformers
PL140 COILCRAFT-PL140_15 Datasheet
395Kb / 2P
   SMT Planar Transformers
logo
MPS Industries, Inc.
PI25T MPSIND-PI25T Datasheet
520Kb / 1P
   SMT HIGH CURRENT PLANAR TRANSFORMERS
logo
Dongguan Mentech Optica...
TPEIR25-0179SG MNC-TPEIR25-0179SG Datasheet
262Kb / 1P
   PLANAR TRANSFORMERS
logo
Bourns Electronic Solut...
PLN BOURNS-PLN Datasheet
859Kb / 4P
   Planar Transformers
Mar 31, 2015
logo
Pulse A Technitrol Comp...
PA0648NL PULSE-PA0648NL Datasheet
78Kb / 1P
   SMT TRANSFORMERS
logo
Dongguan Mentech Optica...
TPEIR19-0150SG MNC-TPEIR19-0150SG Datasheet
277Kb / 1P
   PLANAR TRANSFORMERS
TPER30-0010SG MNC-TPER30-0010SG Datasheet
249Kb / 1P
   PLANAR TRANSFORMERS
logo
Frontier Electronics.
PT FRONTIER-PT Datasheet
182Kb / 2P
   PLANAR TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com