Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER1410-152MEB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SER1410-152MEB
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER1410-152MEB Datasheet(HTML) 2 Page - Coilcraft lnc.

  SER1410-152MEB Datasheet HTML 1Page - Coilcraft lnc. SER1410-152MEB Datasheet HTML 2Page - Coilcraft lnc. SER1410-152MEB Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Shielded Power Inductors–SER1400 Series
Document 609-2
Document 609-2 Revised 09/09/15
SER1412 only
Dimensions are in
inches
mm
0.004/0,102
0.60
15,24
max
max
0.271 ±0.01
6,88 ±0,256
Part number
Internal code
0.221
5,60
0.218
5,53
0.100
2,54
Height
(see table)
0.473
12,00
min
Recommended
Land Pattern
0.355
9,02
0.130
3,30
0.348
8,83
0.397
10,09
CL
SER14XX-XXX
XXXX Y
max
Height max
Series
(inches/ mm)
Weight
SER1408
0.325 / 8,26
3.5 – 3.8 g
SER1410
0.416 / 10,56
4.8 – 5.2 g
SER1412
0.498 / 12,66
6.1 – 6.7 g
Packaging
SER1408 300/13
″ reel Plastic tape: 32 mm wide,
0.5 mm thick, 20 mm pocket spacing, 8.6 mm pocket depth
SER1410 250/13
″ reel Plastic tape: 32 mm wide,
0.5 mm thick, 20 mm pocket spacing, 10.8 mm pocket depth
SER1412 250/13
″ reel Plastic tape: 32 mm wide,
0.5 mm thick, 20 mm pocket spacing, 12.8 mm pocket depth


Similar Part No. - SER1410-152MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER1410-152ME COILCRAFT-SER1410-152ME Datasheet
228Kb / 3P
   SMT Power Inductors
SER1410-152ME COILCRAFT-SER1410-152ME Datasheet
188Kb / 3P
   Shielded Power Inductors
More results

Similar Description - SER1410-152MEB

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com