Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WBT1.5-1L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # WBT1.5-1L
Description  Wideband Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WBT1.5-1L Datasheet(HTML) 1 Page - Coilcraft lnc.

  WBT1.5-1L Datasheet HTML 1Page - Coilcraft lnc. WBT1.5-1L Datasheet HTML 2Page - Coilcraft lnc. WBT1.5-1L Datasheet HTML 3Page - Coilcraft lnc. WBT1.5-1L Datasheet HTML 4Page - Coilcraft lnc. WBT1.5-1L Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WidebandTransformers
Document 425-1
Document 425-1 Revised 04/27/12
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight 0.38 – 0.40 g
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Tape and reel or tube packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
60 per billion hours / 16,666,667 hours, calculated per Telcordia SR-332
Packaging (SM version): 500 per 13
″ reel;
Plastic tape: 24 mm wide, 0.42 mm thick, 20 mm pocket spacing,
6.6 mm pocket depth; (TH version): 70 per tube
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Surface mount and through hole versions
• 500 Vrms, 1 minute interwinding isolation, 1/4 Watt RF
input power
• 250 mA max current rating.
• For a smaller package size, see our WBC Series
Dimensions – surface mount parts
Dimensions – through hole parts
0.225
5,72
0.100
2,54
0.100
2,54
0.100
2,54
0.30
7,6
max
0.025
0,64
dia typ
1
2
3
6
5
4
typ
Recommended
BoardLayout
0.300 ±0.010
7,62 ±0,25
90°-105°
0.120
3,05
min
Dot indicates
pin 1
0.325
8,26
max
0.325
8,26
max
0.285
7,24
max
0.285
7,24
max
0.100
2,54
0.021
0,53
0.025
0,64
0.225
5,72
0.03
0,76
0.06
1,52
0.551
14,0
0.394
10,0
0.10
2,5
0.10
2,5
typ
typ
max
max
Recommended
Land Pattern
0.520 ±0.010
13,21 ±0,25
0.400
10,16
typ
0.004 /0,10
0.010 × 0.020
0,25 × 0,51
typ
1
2
3
6
5
4
Dot indicates
pin #1
Dot indicates
pin #1
Part
number
Part
number
Internal
code
Internal
code
WBxxxx
XXXX Y
WBxxxx
XXXX Y
Dimensions are in
inches
mm
Dimensions are in
inches
mm
Parts manufactured prior
to August 2015 may be
marked differently.


Similar Part No. - WBT1.5-1L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBT1.5-1L COILCRAFT-WBT1.5-1L Datasheet
270Kb / 2P
   Wideband Transformers
WBT1.5-1L COILCRAFT-WBT1.5-1L Datasheet
212Kb / 5P
   Wideband Transformers
WBT1.5-1L COILCRAFT-WBT1.5-1L Datasheet
212Kb / 5P
   Wideband Transformers
More results

Similar Description - WBT1.5-1L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com