Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC114YU Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC114YU
Description  NPN resistor-equipped transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114YU Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC114YU Datasheet HTML 1Page - NXP Semiconductors PDTC114YU Datasheet HTML 2Page - NXP Semiconductors PDTC114YU Datasheet HTML 3Page - NXP Semiconductors PDTC114YU Datasheet HTML 4Page - NXP Semiconductors PDTC114YU Datasheet HTML 5Page - NXP Semiconductors PDTC114YU Datasheet HTML 6Page - NXP Semiconductors PDTC114YU Datasheet HTML 7Page - NXP Semiconductors PDTC114YU Datasheet HTML 8Page - NXP Semiconductors PDTC114YU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Aug 17
5
Philips Semiconductors
Product specification
NPN resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 47 kΩ
PDTC114Y series
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB =50V; IE =0
−−
100
nA
ICEO
collector-emitter cut-off current
VCE =30V; IB =0
−−
1
µA
VCE =30V; IB = 0; Tj = 150 °C
−−
50
µA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
150
µA
hFE
DC current gain
VCE =5V; IC = 5 mA
100
−−
VCEsat
collector-emitter saturation voltage
IC = 5 mA; IB = 0.25 mA
−−
100
mV
Vi(off)
input-off voltage
IC = 100 µA; VCE =5V
0.7
0.5
V
Vi(on)
input-on voltage
IC = 1 mA; VCE = 0.3 V
1.4
0.8
V
R1
input resistor
7
10
13
k
resistor ratio
3.7
4.7
5.7
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−−
2.5
pF
R2
R1
--------


Similar Part No. - PDTC114YU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114YU PHILIPS-PDTC114YU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 20
PDTC114YU PHILIPS-PDTC114YU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTC114YU NXP-PDTC114YU Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC114YU NEXPERIA-PDTC114YU Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 7 - 18 November 2011
PDTC114YU-Q NEXPERIA-PDTC114YU-Q Datasheet
228Kb / 12P
   50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 47 kΩ
8 March 2022
More results

Similar Description - PDTC114YU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114ET PHILIPS-PDTC114ET Datasheet
717Kb / 17P
   NPN resistor-equipped transistors
Rev. 12-21 December 2011
PDTC144ET-215 PHILIPS-PDTC144ET-215 Datasheet
760Kb / 17P
   NPN resistor-equipped transistors
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PEMH24 NEXPERIA-PEMH24 Datasheet
179Kb / 10P
   NPN/NPN resistor-equipped transistors;
logo
NXP Semiconductors
PDTC143E PHILIPS-PDTC143E_15 Datasheet
755Kb / 17P
   NPN resistor-equipped transistors;
Rev. 10-8 December 2011
logo
Nexperia B.V. All right...
PQMH9 NEXPERIA-PQMH9 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;
logo
NXP Semiconductors
PEMH16 NXP-PEMH16 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors;
Rev. 04-15 November 2009
PEMH19_PUMH19 PHILIPS-PEMH19_PUMH19_15 Datasheet
260Kb / 8P
   NPN/NPN resistor-equipped transistors
Rev. 03-15 November 2009
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
   NPN/PNP resistor-equipped transistors;
PEMH30 NEXPERIA-PEMH30 Datasheet
195Kb / 11P
   NPN/NPN double resistor-equipped transistors;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com