Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER8050-112MED Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SER8050-112MED
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER8050-112MED Datasheet(HTML) 1 Page - Coilcraft lnc.

  SER8050-112MED Datasheet HTML 1Page - Coilcraft lnc. SER8050-112MED Datasheet HTML 2Page - Coilcraft lnc. SER8050-112MED Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded PowerInductors– SER80xx
Document 892-1 Revised 08/21/12
Document 892 -1
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS tin-silver over tin over nickel over phos bronze
(pins 1 and 2); Matte tin over nickel over phos bronze (pin 3). Other
terminations available at additional cost.
Weight 0.86 – 1.0 g
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250/7
″ reel, 1000/13″ reel; Plastic tape: 16 mm wide,
0.4 mm thick, 12 mm pocket spacing, 5.2 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Two different DCR /
Isat versions to match the requirements
of a wide variety of applications
• Low DCR; excellent current handling
Low DCR version for high average current applications
Inductance2
DCR (mOhm)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
10% drop
20% drop
30% drop
20°C rise 40°C rise
SER8050-501ME_
0.50
2.22
2.50
234
19.40
22.02
22.68
9.78
13.52
SER8050-112ME_
1.1
3.19
3.50
109
12.22
13.86
14.50
8.05
11.97
SER8050-202ME_
2.0
5.35
5.88
74
7.94
9.22
9.78
7.83
10.79
SER8052-312ME_
3.1
6.44
7.20
63
6.58
7.56
8.00
6.26
8.71
SER8052-452ME_
4.5
8.64
9.50
52
4.76
5.74
6.14
5.37
7.68
SER8052-612ME_
6.1
8.64
9.50
45
3.44
4.22
4.58
5.17
7.31
SER8052-802ME_
8.0
13.03
14.33
43
2.90
3.58
3.86
4.57
6.31
SER8052-103ME_
10
13.03
14.33
40
2.24
2.80
3.10
4.61
6.32
1. When ordering, please specify
termination and packaging code:
SER8052-103MED
Termination: E =
RoHS tin-silver over tin over nickel over phos bronze (pins 1 and 2); Matte tin over nickel over phos bronze (pin 3).
Special order:T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (250 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked(1000 parts per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A or equivalent.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer and an Agilent/HP 16193A test fixture.
5. DC current at 25°C that causes the specified inductance drop from its value without current. Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient. This information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - SER8050-112MED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER8050-112MEB COILCRAFT-SER8050-112MEB Datasheet
162Kb / 4P
   Shielded Power Inductors
SER8050-112MEC COILCRAFT-SER8050-112MEC Datasheet
196Kb / 3P
   Shielded Power Inductors ??SER80xx
SER8050-112MEC COILCRAFT-SER8050-112MEC Datasheet
162Kb / 4P
   Shielded Power Inductors
SER8050-112ME_ COILCRAFT-SER8050-112ME_ Datasheet
196Kb / 3P
   Shielded Power Inductors ??SER80xx
SER8050-112ME_ COILCRAFT-SER8050-112ME_ Datasheet
196Kb / 3P
   Shielded Power Inductors ??SER80xx
More results

Similar Description - SER8050-112MED

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com