Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WBC16-1TLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # WBC16-1TLB
Description  Mini Wideband Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WBC16-1TLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  WBC16-1TLB Datasheet HTML 1Page - Coilcraft lnc. WBC16-1TLB Datasheet HTML 2Page - Coilcraft lnc. WBC16-1TLB Datasheet HTML 3Page - Coilcraft lnc. WBC16-1TLB Datasheet HTML 4Page - Coilcraft lnc. WBC16-1TLB Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MiniWidebandTransformers–WBC
Document 424 -1
Document 424-1 Revised 07/01/15
Impedance
Insertion
Pins 4–6 (primary) Pins 1–3 (secondary)
DC
Part
ratio2
Bandwidth loss max
L min3 DCR max4
L min3 DCR max4 imbalance5
Color
number1
Schematic
pri:sec
(MHz)
(dB)
(µH)
(mOhm)
(µH)
(mOhm)
max (mA)
dot
WBC1-1L_
A
1
:1
0.400 – 600
0.40
10
120
10
120
Brown
WBC1-1TL_
B
1
:1
0.250 – 750
0.58
9.5
75
9.5
75
36
Brown
WBC2-1TL_
B
1
:2
0.200 – 500
0.50
10
120
20
150
8.5
Red
WBC3-1TL_
B
1
:3
0.300 – 900
0.60
9
100
27
150
8.5
Orange
WBC4-1TL_
B
1
:4
0.250 – 750
1.0
9
55
36
120
30
Yellow
WBC4-14L_
B
1
:4
1.500 – 1200
2.0
2
50
8
100
15
Green
WBC4-1WL_
B
1
:4
0.500 – 1000
0.90
5
80
20
120
10
White
WBC4-6TL_
B
1
:4
0.300 – 700
0.65
9
80
36
200
7.5
Blue
WBC8-1L_
D
1
:8
0.150 – 600
0.60
22
120
176
310
17
Gray
WBC9-1L_
B
1
:9
0.300 – 500
0.54
9
80
81
230
5
White
WBC16-1TL_
B
1
:16
0.600 – 300
0.80
5
80
80
230
5
Violet
WBC4-4L_
C
1
:4
0.250 – 800
1.0
9
60
36
120
30
Yellow
6
4
3
1
Pri
Sec
66
44
33
22
11
PriPri
Sec
Sec
6
5
4
3
2
1
Pri
Sec
A
B
1. When ordering, please specify
termination and packaging codes:
WBC4-4LC
Termination: L = RoHS compliant tin-silver-copper (95.5/4/0.5) over silver-
palladium-platinum
Special order:
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape
(750 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have
a leader and trailer added ($25 charge), use code letter C
instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape.
Factory order only, not stocked (2500 parts per full reel).
2. Impedance ratio is for the full primary winding to the full secondary winding.
3. Inductance measured at 100 kHz, 0.1 V, 0 Adc on an Agilent/HP 4192 or
equivalent.
4. DCR measured on a micro-ohmmeter.
5. DC imbalance is the maximum difference in current measured at pins 1 and 3
with the source at pin 2. Inductance drop is 15% at maximum imbalance.
6. Electrical specifications at 25°C. Measurements are referenced to 50 Ohms.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Schematics
Designer’s Kit C393 contains three of each part
Core material Ferrite
Terminations RoHS compliant tin-silver-copper over silver-plati-
num-glass frit. Other terminations available at additional cost.
Weight 68.0 – 88.8 mg
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
60 per billion hours / 16,666,667 hours, calculated per Telcordia SR-332
Packaging 750/7
″reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 2.9 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCBt_Washing.pdf.
• Smallest wideband transformer: 4 mm square 3 mm high
• 300 Vrms interwinding isolation, 1/4 Watt RF input power
• 250 mA max current rating.
C
D


Similar Part No. - WBC16-1TLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBC16-1TL COILCRAFT-WBC16-1TL Datasheet
286Kb / 3P
   SMT Mini Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
More results

Similar Description - WBC16-1TLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBC1-1L COILCRAFT-WBC1-1L Datasheet
286Kb / 3P
   SMT Mini Wideband Transformers
logo
MPS Industries, Inc.
R3838 MPSIND-R3838 Datasheet
574Kb / 1P
   SMT MINI WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com