Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL5030-222MEB Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # XAL5030-222MEB
Description  Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL5030-222MEB Datasheet(HTML) 3 Page - Coilcraft lnc.

  XAL5030-222MEB Datasheet HTML 1Page - Coilcraft lnc. XAL5030-222MEB Datasheet HTML 2Page - Coilcraft lnc. XAL5030-222MEB Datasheet HTML 3Page - Coilcraft lnc. XAL5030-222MEB Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
HIGH TEMPERA
TURE
Shielded Power Inductors – XAL50xx
Document 908-3
Document 908-3 Revised 07/13/16
0
2
4
6
8
10
Current (A)
6.8 µH
1
02
34
57
8
6
0
2
4
6
8
10
12
Current (A)
8.2 µH
0.5
0
1.0
1.5
2.0
2.5
3.5
4.0
4.5
5.0
5.5 6.0
3.0
0
8
4
12
16
Current (A)
10 µH
0
0.5
1.0
1.5
2.5
3.0
3.5
4.0
4.5 5.0
2.0
1.0
0.5
0
0
4
8
12
16
20
1.5
2.0
2.5
3.0
4.0
3.5
Current (A)
15 µH
1.0
0.5
0
0
5
10
15
20
25
30
1.5
2.0
2.5
3.0
4.0
3.5
Current (A)
22 µH
L vs Current
0
2
1
4
3
6
7
5
8
Current (A)
5.6 µH
1
02
34
57
8
6


Similar Part No. - XAL5030-222MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL5030-222MEB COILCRAFT-XAL5030-222MEB Datasheet
195Kb / 4P
   Shielded Power Inductors ??XAL50xx
More results

Similar Description - XAL5030-222MEB

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com