Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC110L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # REC110L
Description  Precision Linear Transducers, Conductive Plastic (REC)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC110L Datasheet(HTML) 2 Page - Vishay Siliconix

  REC110L Datasheet HTML 1Page - Vishay Siliconix REC110L Datasheet HTML 2Page - Vishay Siliconix REC110L Datasheet HTML 3Page - Vishay Siliconix REC110L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
110 L
Vishay Sfernice
TOLERANCE
ACTUAL ELECTRICAL TRAVEL
AET
THEORETICAL ELECTRICAL TRAVEL
TET
from 300mm to 450mm
TET + 1 mm
TET + 1 mm
± 0.5mm
± 0.8mm
from 25mm to 275mm
DIMENSIONS
in millimeters, general tolerance ± 1mm
TET = Theoretical electrical travel
AET = Actual electrical travel
MT = Mechanical travel
Precision Linear Transducers, Conductive Plastic (REC)
Pin 3: +
Pin 4: Wiper
Pin 1: -
TET
AET
MT
ELECTRICAL CONNECTIONS
STANDARD MODEL
TET
AET
MT
Blue wire: +
Red wire: Wiper
White wire: -
WITH CABLE OUTPUT: W04029
A
26
10
TET + 47
Setting area: d = TET + 35
Setting area: d = TET + 35
TET + 47
26
A
Cable output 3 wires AWG24
length 300mm min
23
45
18
28.8 ± 0.2
4 holes Ø4.2
4 holes Ø4.2
45
28.8 ± 0.2
18
View A
View A
STD AND W04030
W04029 AND W04031
Table 1
Document Number: 54012
Revision 20-Nov-02
www.vishay.com
30
For technical questions, contact sfer@vishay.com


Similar Part No. - REC110L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC110L VISHAY-REC110L Datasheet
415Kb / 5P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC110L VISHAY-REC110L Datasheet
412Kb / 5P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
01-Jan-2022
REC110L3D103W...E. VISHAY-REC110L3D103W...E. Datasheet
412Kb / 5P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
01-Jan-2022
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
01-Jan-2022
More results

Similar Description - REC110L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
115L VISHAY-115L Datasheet
87Kb / 2P
   Precision Linear Transducers, Conductive Plastic (REC)
Revision 14-Dec-01
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
Revision: 17-Sep-12
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 3000 mm
Revision: 26-Mar-15
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 1000 mm
Revision: 26-Mar-15
REC38L VISHAY-REC38L Datasheet
83Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 150 mm
Revision: 08-Sep-16
16LH VISHAY-16LH Datasheet
146Kb / 3P
   Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
Revision: 08-Jan-04
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
01-Jan-2022
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 1000 mms
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com