Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM3008 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3008
Description  LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3008 Datasheet(HTML) 1 Page - Texas Instruments

  PCM3008 Datasheet HTML 1Page - Texas Instruments PCM3008 Datasheet HTML 2Page - Texas Instruments PCM3008 Datasheet HTML 3Page - Texas Instruments PCM3008 Datasheet HTML 4Page - Texas Instruments PCM3008 Datasheet HTML 5Page - Texas Instruments PCM3008 Datasheet HTML 6Page - Texas Instruments PCM3008 Datasheet HTML 7Page - Texas Instruments PCM3008 Datasheet HTML 8Page - Texas Instruments PCM3008 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PCM3008
SLAS332 – APRIL 2001
LOW POWER AND LOW VOLTAGE 16-BIT, SINGLE-ENDED
ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
1
www.ti.com
FEATURES
D 16-Bit Delta-Sigma ADC and DAC
D Stereo ADC:
– Single-Ended Voltage Input
– Anti-Aliasing Filter Included
– High Performance
– THD+N: –84 dB
– SNR: 88 dB
– Dynamic Range: 88 dB
– 1/64
× Decimation Digital Filter
– Passband Ripple:
±0.05 dB
– Stopband Attenuation: –65 dB
– Digital HPF Included
D Stereo DAC:
– Single-Ended Voltage Output
– Analog LPF and FIR Filter Included
– High Performance
– THD+N: –88 dB
– SNR: 92 dB
– Dynamic Range: 92 dB
– 8
× Oversampling Digital Filter
– Passband Ripple:
±0.1 dB
– Stopband Attenuation: –43 dB
D Audio Data Format:
– ADC: 16-bit, Left-Justified
– DAC: 16-bit, Right-Justified
D Special Built-In Functions:
– Digital De-Emphasis: 32, 44.1, 48 kHz
– ADC/DAC Independent Power Down With
Pop-Noise Free Muting
D Sampling Rate: 8 kHz to 48 kHz
D System Clock: 256fS, 384fS, 512fS
D Low Voltage Power Supply:
– 2.4 V TYP, 2.1 V MIN to 3.6 V MAX
D Low Power Dissipation:
– 32 mW at VCC = 2.4 V
D Package: 16-Pin TSSOP
APPLICATIONS
D Digital Video Camera
D Portable MD Player
D Other Portable System
DESCRIPTION
The PCM3008 is a low cost single chip 16-bit
stereo audio codec with single-ended analog
voltage input and output.
Both ADCs and DACs employ delta-sigma
modulation with 64-times oversampling. ADCs
include a digital decimation filter and digital high
pass filter. DACs include an 8-times oversampling
digital interpolation filter, digital de-emphasis filter
and pop-noise free muting which works during the
power down ON/OFF sequence. The PCM3008
accepts
left-justified
format
for
ADC,
and
right-justified
format
for
DAC.
Independent
power-down
modes for ADC and DAC are
provided.
The PCM3008 is suitable for a wide variety of
cost-sensitive consumer applications where good
performance is required. It is fabricated using a
highly advanced CMOS process and is available
in a small 16-pin TSSOP package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - PCM3008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3008 TI1-PCM3008 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008T TI1-PCM3008T Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008T/2K TI1-PCM3008T/2K Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008T/2KG4 TI1-PCM3008T/2KG4 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM3008TG4 TI1-PCM3008TG4 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
More results

Similar Description - PCM3008

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
   16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
logo
Texas Instruments
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
[Old version datasheet]   Single-Ended Analog Input/Output Stereo Audio Codec
logo
Burr-Brown (TI)
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
   16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
   16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
[Old version datasheet]   Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
[Old version datasheet]   STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com