Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B200011 Datasheet(PDF) 1 Page - E-SWITCH

Part # B200011
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B200011 Datasheet(HTML) 1 Page - E-SWITCH

  B200011 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1260GQ NO CAP
4:1
5/11/2007
B200011
G
TN
1
1
3
1
6
5
34
6
3
6
5
4
2
1
P.C.B. LAYOUT
MCD
V
800 TYP.
mA
20 TYP.
GREEN
2.1 TYP. - 2.5 MAX.
UNITS
LUMINOUS INTENSITY
FORWARD VOLTAGE
LED SPECS
FORWARD CURRENT
7.40
[.291 in]
7.00
[.276 in]
3.50
[.138 in]
10.25
[.404 in]
3.65
[.144 in]
.50
[.020 in]
4
2
1
CIRCUIT: SPST
3
GREEN LED
6
5
+
-
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN.
6. OPERATING FORCE: 160
50gf
7. TRAVEL: 0.2
0.1mm
8. OPERATING TEMPURATURE: -20
C TO 70C
9. OPEREATING LIFE 500,000 CYCLES
10. LED COLOR: GREEN
11.
DENOTED CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
13. PACKAGE: 100 PIECES PER TRAY
LED COLOR:GREEN
.30
[.012 in]
TYP.
3.50
[.138 in]
.50
[.020 in]
4.00
[.157 in]
C
18175
CHG LED, UPDATED LED SPECS
07/08/08
RC
D
19542
UPDATE DRAWING
12/21/10
BGL
6.30
[.248 in]
4.50
[.177 in]
.40
[.016 in]
.70
[.028 in]
6.10
[.240 in]
2.50
[.098 in]
1.00
[.039 in]
4.50
[.177 in]
5.00
[.197 in]
2.50
[.098 in]
6.30
[.248 in]
.20
[.008 in]
E
19556
CORRECT NOTES/LED CHART/ DIM
05/19/11
BMA
D
D
D
6.80
[.268 in]
E
E
E
4.50
[.177 in]
F
F
21046
4.5 WAS 6.7
2/21/13
EBP
G
G
21660
CHANGED NOTE 13 FROM 10 TO 100
10/23/14
AS


Similar Part No. - B200011

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200014 E-SWITCH-B200014 Datasheet
212Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B200015 E-SWITCH-B200015 Datasheet
214Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B200016 E-SWITCH-B200016 Datasheet
219Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B200017 E-SWITCH-B200017 Datasheet
216Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B200011

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com