Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8981D Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MT8981D
Description  Digital Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8981D Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MT8981D Datasheet HTML 1Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 2Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 3Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 4Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 5Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MT8981D ISO-CMOS
2-18
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
40
DIP
44
PLCC
12
DTA
Data Acknowledgement (Open Drain Output). This is the data acknowledgement on the
microprocessor interface. This pin is pulled low to signal that the chip has processed the
data. A 909
Ω, 1/4W, resistor is recommended to be used as a pullup.
2-4
3-5
STi0-
STi2
ST-BUS Input 0 to 2 (Inputs). These are the inputs for the 2048 kbit/s ST-BUS input
streams.
5
7
STi3
ST-BUS Input 3 (Input). These are the inputs for the 2048 kbit/s ST-BUS input streams.
6-9
8-11
IC
Internal Connections. Must be connected to VDD.
10
12
VDD
Power Input. Positive Supply.
11
13
F0i
Framing 0-Type (Input). This is the input for the frame synchronization pulse for the
2048 kbit/s ST-BUS streams. A low on this input causes the internal counter to reset on
the next negative transition of C4i.
12
14
C4i
4.096 MHz Clock (Input). ST-BUS bit cell boundaries lie on the alternate falling edges of this
clock.
13-
15
15-
17
A0-A2 Address 0 to 2 (Inputs). These are the inputs for the address lines on the microprocessor
interface.
16-
18
19-
21
A3-A5 Address 3 to 5 (Inputs). These are the inputs for the address lines on the microprocessor
interface
19
22
DS
Data Strobe (Input). This is the input for the active high data strobe on the microprocessor
interface.
20
23
R/W
Read or Write (Input). This is the input for the read/write signal on the microprocessor
interface - high for read, low for write.
21
24
CS
Chip Select (Input). This is the input for the active low chip select on the microprocessor
interface.
7
8
9
10
11
12
13
14
15
16
39
38
37
36
35
34
33
32
31
30
17
29
STi3
IC
IC
IC
IC
VDD
F0i
C4i
A0
A1
A2
STo3
IC
IC
IC
IC
VSS
D0
D1
D2
D3
D4
44 PIN PLCC
DTA
STi0
STi1
STi2
STi3
IC
IC
IC
IC
VDD
F0i
C4i
A0
A1
A2
A3
A4
A5
DS
IC
ODE
STo0
STo1
STo2
STo3
IC
IC
IC
IC
VSS
D0
D1
D2
D3
D4
D5
D6
D7
CS
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
R/W
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
40 PIN PLASTIC DIP


Similar Part No. - MT8981D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981D ZARLINK-MT8981D Datasheet
481Kb / 20P
   ISO-CMOS ST-BUS
logo
Mitel Networks Corporat...
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981DC MITEL-MT8981DC Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981DE MITEL-MT8981DE Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
More results

Similar Description - MT8981D

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP8980D A1PROS-IMP8980D Datasheet
142Kb / 14P
   PCM Digital Switch
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
logo
Zarlink Semiconductor I...
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
logo
Zarlink Semiconductor I...
MT90826 ZARLINK-MT90826 Datasheet
571Kb / 46P
   Quad Digital Switch
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
   Digital Time Switch
logo
Mitel Networks Corporat...
MT90826 MITEL-MT90826 Datasheet
132Kb / 30P
   Quad Digital Switch
logo
Zarlink Semiconductor I...
MT8985 ZARLINK-MT8985 Datasheet
568Kb / 26P
   Enhanced Digital Switch
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com