Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3805D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3805D
Description  Low-Power BiCMOS Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3805D Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC3805D Datasheet HTML 7Page - Texas Instruments UCC3805D Datasheet HTML 8Page - Texas Instruments UCC3805D Datasheet HTML 9Page - Texas Instruments UCC3805D Datasheet HTML 10Page - Texas Instruments UCC3805D Datasheet HTML 11Page - Texas Instruments UCC3805D Datasheet HTML 12Page - Texas Instruments UCC3805D Datasheet HTML 13Page - Texas Instruments UCC3805D Datasheet HTML 14Page - Texas Instruments UCC3805D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
0.65R
R
GND
5
Voltage
Reference
VCC
OK
REF
OK
Logic
Power
REF
8
4V
0.5V
FB
2
COMP
1
Full Cycle
Soft Start
j=4ms
Leading Edge
Blanking
CS
3
OUT
6
RC
4
PWM
Latch
S Q
R
Oscillator
VCC
7
REF/2
1.5V
T Q
UCCx801
UCCx804
UCCx805
only
13.5V
1V
S Q
R
S Q
R
Copyright © 2016, Texas Instruments Incorporated
Over-Current
11
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
www.ti.com
SLUS270E – MARCH 1999 – REVISED JUNE 2016
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The UCCx80x family of high-speed, low-power integrated circuits contain all of the control and drive components
required for off-line and DC-to-DC fixed-frequency, current-mode switching mode power supplies with minimal
parts count.
These devices have the same pin configuration as the UCx84x family, and also offer the added features of
internal full-cycle soft start and internal leading-edge blanking of the current-sense input.
9.2 Functional Block Diagram
9.3 Feature Description
The UCCx80x family offers numerous advantages that allow the power supply design engineer to meet these
challenging requirements.
Features include:
Bi-CMOS process
Low starting supply current: typically 100 μA
Low operating supply current: typically 500 μA
Pinout compatible with UC3842 and UC3842A families
5-V operation (UCCx803 and UCCx805)
Leading edge blanking of current sense signal
On-chip soft start
Internal full cycle restart delay
1.5% voltage reference
Up to 1-MHz oscillator
Low self-biasing output during UVLO
Very few external components required
70-ns response from current sense to output
Available in surface-mount or PDIP package


Similar Part No. - UCC3805D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3805D TI-UCC3805D Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3805D TI1-UCC3805D Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3805D TI1-UCC3805D Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC3805DG4 TI-UCC3805DG4 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3805DG4 TI1-UCC3805DG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC3805D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UCC28C40-Q1 TI1-UCC28C40-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   Automotive BiCMOS Low-Power Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com