Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3803N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3803N
Description  Low-Power BiCMOS Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3803N Datasheet(HTML) 4 Page - Texas Instruments

  UCC3803N Datasheet HTML 1Page - Texas Instruments UCC3803N Datasheet HTML 2Page - Texas Instruments UCC3803N Datasheet HTML 3Page - Texas Instruments UCC3803N Datasheet HTML 4Page - Texas Instruments UCC3803N Datasheet HTML 5Page - Texas Instruments UCC3803N Datasheet HTML 6Page - Texas Instruments UCC3803N Datasheet HTML 7Page - Texas Instruments UCC3803N Datasheet HTML 8Page - Texas Instruments UCC3803N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
1
COMP
8
REF
2
FB
7
VCC
3
CS
6
OUT
4
RC
5
GND
1
COMP
8
REF
2
FB
7
VCC
3
CS
6
OUT
4
RC
5
GND
4
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
SLUS270E – MARCH 1999 – REVISED JUNE 2016
www.ti.com
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
7 Pin Configuration and Functions
UCC280x and UCC380x PW Package
8-Pin TSSOP
Top View
UCCx80x D, J, or N Package
8-Pin SOIC, CDIP, or PDIP
Top View
UCC1800 L Package
20-Pin LCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TSSOP,
SOIC, DIL
LCC
COMP
1
2
O
COMP is the output of the error amplifier and the input of the PWM comparator.
The error amplifier in the UCCx80x family is a true, low output impedance, 2-MHz
operational amplifier. As such, the COMP terminal can both source and sink
current. However, the error amplifier is internally current-limited, so the user can
command zero duty cycle by externally forcing COMP to GND.
The UCCx80x family features built-in full-cycle soft start. Soft start is implemented
as a clamp on the maximum COMP voltage.
CS
3
7
I
CS is the input to the current sense comparators. The UCCx80x family has two
different current sense comparators: the PWM comparator and an overcurrent
comparator.
The UCCx80x family contains digital current sense filtering, which disconnects
the CS terminal from the current sense comparator during the 100-ns interval
immediately following the rising edge of the OUT pin. This digital filtering, also
called leading-edge blanking, means that in most applications, no analog filtering
(RC filter) is required on CS. Compared to an external RC filter technique, the
leading-edge blanking provides a smaller effective CS to OUT propagation delay.
Note, however, that the minimum non-zero On-time of the OUT signal is directly
affected by the leading-edge-blanking and the CS to OUT propagation delay.
The overcurrent comparator is only intended for fault sensing, and exceeding the
overcurrent threshold causes a soft-start cycle.
FB
2
5
I
FB is the inverting input of the error amplifier. For best stability, keep FB lead
length as short as possible and FB stray capacitance as small as possible.
GND
5
13
GND is reference ground and power ground for all functions on this part.
NC
1, 3, 4, 6,
8, 9, 11, 14,
16, 18, 19
No connection pins


Similar Part No. - UCC3803N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3803N TI-UCC3803N Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3803N TI1-UCC3803N Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3803N TI1-UCC3803N Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC3803NG4 TI-UCC3803NG4 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3803NG4 TI1-UCC3803NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC3803N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UCC28C40-Q1 TI1-UCC28C40-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   Automotive BiCMOS Low-Power Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com