Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1119 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1119
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1119 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1119 Datasheet HTML 6Page - Maxim Integrated Products MAX1119 Datasheet HTML 7Page - Maxim Integrated Products MAX1119 Datasheet HTML 8Page - Maxim Integrated Products MAX1119 Datasheet HTML 9Page - Maxim Integrated Products MAX1119 Datasheet HTML 10Page - Maxim Integrated Products MAX1119 Datasheet HTML 11Page - Maxim Integrated Products MAX1119 Datasheet HTML 12Page - Maxim Integrated Products MAX1119 Datasheet HTML 13Page - Maxim Integrated Products MAX1119 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
10
______________________________________________________________________________________
During the conversion process, SCLK is ignored. Only
after a conversion is complete will SCLK cause serial
data to be output. Falling edges on CNVST, during an
active conversion process, interrupt the current conver-
sion and cause the input multiplexer to switch to CH1.
To reinitiate a conversion on CH0, it is necessary to
allow for a conversion to be complete and all of the
data to be read out. Once a conversion has been com-
pleted, the MAX1117/MAX1118/MAX1119 will go into
AutoShutdown™ mode (<1µA typ) until the next conver-
sion is initiated.
ACTIVE
POWER-DOWN MODE
CNVST
SCLK
DOUT
CH0
IDLE LOW
IDLE LOW
CH0
tcsh
tconv
tcp
tccs
tchz
tcl
tcd
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0
tcsd
tch
Figure 6a. Conversion and Interface Timing, Conversion on CH0 with SCLK Idle Low
ACTIVE
POWER-DOWN MODE
CNVST
SCLK
DOUT
CH0
IDLE HIGH
IDLE HIGH
CH0
tcsh
tconv
tcp
tccs
tchz
tcl
tcd
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0
tcsd
tch
Figure 6b. Conversion and Interface Timing, Conversion on CH0 with SCLK Idle High
AutoShutdown is a trademark of Maxim Integrated Products.


Similar Part No. - MAX1119

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11190 MAXIM-MAX11190 Datasheet
1Mb / 19P
   4-Channel, Dual, Simultaneous Sampling, 2.2V to 3.6V, 12-Bit, 3Msps SAR ADC in Tiny 3mm x 3mm TQFN Package
19-6743; Rev 2; 12/14
MAX11192 MAXIM-MAX11192 Datasheet
15Mb / 37P
   12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
MAX11192 MAXIM-MAX11192 Datasheet
7Mb / 26P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 5/17
MAX11192EVKIT MAXIM-MAX11192EVKIT Datasheet
7Mb / 26P
   Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 5/17
MAX11195 MAXIM-MAX11195 Datasheet
15Mb / 37P
   12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
More results

Similar Description - MAX1119

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1115 MAXIM-MAX1115 Datasheet
379Kb / 12P
   Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1822; Rev 1; 2/02
MAX1106 MAXIM-MAX1106 Datasheet
205Kb / 16P
   Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1432; Rev 0; 3/99
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX110 MAXIM-MAX110 Datasheet
411Kb / 24P
   Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
19-0283; Rev 5; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com