Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3802D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3802D
Description  Low-Power BiCMOS Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3802D Datasheet(HTML) 5 Page - Texas Instruments

  UCC3802D Datasheet HTML 1Page - Texas Instruments UCC3802D Datasheet HTML 2Page - Texas Instruments UCC3802D Datasheet HTML 3Page - Texas Instruments UCC3802D Datasheet HTML 4Page - Texas Instruments UCC3802D Datasheet HTML 5Page - Texas Instruments UCC3802D Datasheet HTML 6Page - Texas Instruments UCC3802D Datasheet HTML 7Page - Texas Instruments UCC3802D Datasheet HTML 8Page - Texas Instruments UCC3802D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
OUT
g
I
Q
=
´ f
1.0
R
C
=
´
f
1.5
R
C
=
´
f
5
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
www.ti.com
SLUS270E – MARCH 1999 – REVISED JUNE 2016
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
TSSOP,
SOIC, DIL
LCC
OUT
6
15
O
OUT is the output of a high-current power driver capable of driving the gate of a
power MOSFET with peak currents exceeding ±750 mA. OUT is actively held low
when VCC is below the UVLO threshold.
The high-current power driver consists of FET output devices, which can switch
all of the way to GND and all of the way to VCC. The output stage also provides a
very low impedance to overshoot and undershoot. This means that in many
cases, external schottky clamp diodes are not required.
PWR GND
12
Power ground of the IC
RC
4
10
I
RC is the oscillator timing pin. For fixed frequency operation, set timing capacitor
charging current by connecting a resistor from REF to RC. Set frequency by
connecting a timing capacitor from RC to GND. For best performance, keep the
timing capacitor lead to GND as short and direct as possible. If possible, use
separate ground traces for the timing capacitor and all other functions.
The frequency of oscillation can be estimated with the following equations:
(1)
where
frequency is in Hz
resistance is in Ω
capacitance is in farads
(2)
The recommended range of timing resistors is between 10 k and 200 k, and
timing capacitor is 100 pF to 1000 pF. Never use a timing resistor less than 10 k.
REF
8
20
O
REF is the voltage reference for the error amplifier, and also for many other
functions on the IC. REF is also used as the logic power supply for high-speed
switching logic on the IC.
When VCC is greater than 1 V and less than the UVLO threshold, REF is pulled
to ground through a 5-kΩ resistor. This means that REF can be used as a logic
output indicating power system status. It is important for reference stability that
REF is bypassed to GND with a ceramic capacitor as close to the pin as possible.
An electrolytic capacitor may also be used in addition to the ceramic capacitor. A
minimum of 0.1-μF ceramic is required. Additional REF bypassing is required for
external loads greater than 2.5 mA on the reference.
To prevent noise problems with high speed switching transients, bypass REF to
ground with a ceramic capacitor very close to the IC package.
VCC
7
17
I
VCC is the power input connection for this device. In normal operation, VCC is
powered through a current limiting resistor. Although quiescent VCC current is
very low, total supply current is higher depending on OUT current. Total VCC
current is the sum of quiescent VCC current and the average OUT current.
Knowing the operating frequency and the MOSFET gate charge (Qg), average
OUT current can be calculated from:
(3)
To prevent noise problems, bypass VCC to GND with a ceramic capacitor as
close to the VCC pin as possible. An electrolytic capacitor may also be used in
addition to the ceramic capacitor. There must be a minimum of 1 µF in parallel
with a 0.1-µF ceramic capacitor from VCC to ground placed close to the device.


Similar Part No. - UCC3802D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3802D TI-UCC3802D Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3802D TI1-UCC3802D Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3802D TI1-UCC3802D Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC3802DG4 TI1-UCC3802DG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3802DG4 TI1-UCC3802DG4 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
More results

Similar Description - UCC3802D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UCC28C40-Q1 TI1-UCC28C40-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   Automotive BiCMOS Low-Power Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com