Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33883 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC33883
Description  H-Bridge Gate Driver IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33883 Datasheet(HTML) 5 Page - Motorola, Inc

  MC33883 Datasheet HTML 1Page - Motorola, Inc MC33883 Datasheet HTML 2Page - Motorola, Inc MC33883 Datasheet HTML 3Page - Motorola, Inc MC33883 Datasheet HTML 4Page - Motorola, Inc MC33883 Datasheet HTML 5Page - Motorola, Inc MC33883 Datasheet HTML 6Page - Motorola, Inc MC33883 Datasheet HTML 7Page - Motorola, Inc MC33883 Datasheet HTML 8Page - Motorola, Inc MC33883 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33883
5
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions VCC = 12 V, VCC2 = 12 V, CCP = 33 nF, G_EN = 4.5 V unless otherwise noted. Typical values
for TA = 25°C and min/max values for TA = -40°C to 125°C unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OPERATING CONDITIONS
Supply Voltage 1 for Output High-Side Driver and Charge Pump
VCC
5.5
55
V
Supply Voltage 2 for Linear Regulation
VCC2
5.5
28
V
High-Side Floating Supply Absolute Voltage
VCP_OUT
VCC+4
VCC+11
but < 65
V
LOGIC
Logic 1 Input Voltage (IN_LS and IN_HS)
VIH
2.0
10
V
Logic 0 Input Voltage (IN_LS and IN_HS)
VIL
––
0.8
V
Logic 1 Input Current
VIN = 5.0 V
IIN+
200
1000
µA
Wake-Up Input Voltage (G_EN)
VG_EN
4.5
5.0
VCC2
V
Wake-Up Input Current (G_EN)
VG_EN = 14 V
IG_EN
200
500
µA
Wake-Up Input Current (G_EN)
VG_EN = 28 V
IG_EN2
––
1.5
mA
LINEAR REGULATOR
Linear Regulator
VLR_OUT @ VCC2 from 15 V to 28 V, ILOAD from 0 mA to 20 mA
VLR_OUT @ ILOAD = 20 mA
VLR_OUT @ ILOAD = 20 mA, VCC2 = 5.5 V, VCC = 5.5 V
VLR_OUT
12.5
VCC2-1.5
4.0
16.5
V
CHARGE PUMP
Charge Pump Output Voltage, Reference to VCC
VCC = 12 V, ILOAD = 0 mA, CCP_OUT = 1.0 µF
VCC = 12 V, ILOAD = 7.0 mA, CCP_OUT = 1.0 µF
VCC2 = VCC = 5.5 V, ILOAD = 0 mA, CCP_OUT = 1.0 µF
VCC2 = VCC = 5.5 V, ILOAD = 7.0 mA, CCP_OUT = 1.0 µF
VCC = 55 V, ILOAD = 0 mA, CCP_OUT = 1.0 µF
VCC = 55 V, ILOAD = 7.0 mA, CCP_OUT = 1.0 µF
VCP_OUT
7.5
7.0
2.3
1.8
7.5
7.0
V
Peak Current Through Pin C1 Under Rapidly Changing VCC Voltages (see
Figure 11, page 14)
IC1
-2.0
2.0
A
Minimum Peak Voltage at Pin C1 Under Rapidly Changing VCC Voltages (see
Figure 11, page 14)
VC1min
-1.5
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33883

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33883DW FREESCALE-MC33883DW Datasheet
536Kb / 21P
   H-Bridge Gate Driver IC
MC33883DWR2 FREESCALE-MC33883DWR2 Datasheet
536Kb / 21P
   H-Bridge Gate Driver IC
MC33883HEG FREESCALE-MC33883HEG Datasheet
617Kb / 21P
   H-Bridge Gate Driver IC
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
   H-Bridge Gate Driver IC
More results

Similar Description - MC33883

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
   H-Bridge Gate Driver IC
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
   H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
   H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
   H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
   H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
[Old version datasheet]   Automotive H-Bridge Gate Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
Texas Instruments
DRV8841 TI1-DRV8841_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com