Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L793GD Datasheet(PDF) 3 Page - Kingbright Corporation

Part # L793GD
Description  8MM SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L793GD Datasheet(HTML) 3 Page - Kingbright Corporation

  L793GD Datasheet HTML 1Page - Kingbright Corporation L793GD Datasheet HTML 2Page - Kingbright Corporation L793GD Datasheet HTML 3Page - Kingbright Corporation L793GD Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: CDA0711
REV NO: V.1
DATE: NOV/11/2001
PAGE: 3 OF 4
APPROVED : J. Lu
CHECKED :
DRAWN: R.X.Jin
High Efficiency Red L793ID
Orange L793ED


Similar Part No. - L793GD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L793SRC KINGBRIGHT-L793SRC Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
L793SRC/C KINGBRIGHT-L793SRC/C Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
L793SRC/D KINGBRIGHT-L793SRC/D Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
L793SRC/E KINGBRIGHT-L793SRC/E Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
L793SRC/F KINGBRIGHT-L793SRC/F Datasheet
91Kb / 3P
   8mm SUPER BRIGHT BIG LED LAMPS
More results

Similar Description - L793GD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HLMP1790 EVERLIGHT-HLMP1790 Datasheet
258Kb / 4P
   SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV5074C FAIRCHILD-MV5074C Datasheet
102Kb / 4P
   SOLID STATE LAMPS
logo
Kingbright Corporation
AM2520EJ KINGBRIGHT-AM2520EJ Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520SRC09 KINGBRIGHT-AM2520SRC09 Datasheet
76Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53123 FAIRCHILD-MV53123 Datasheet
251Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
Kingbright Corporation
L-44HD KINGBRIGHT-L-44HD Datasheet
144Kb / 5P
   4mm SOLID STATE LAMPS
AM2520SRD03 KINGBRIGHT-AM2520SRD03 Datasheet
80Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
AM2520EH KINGBRIGHT-AM2520EH Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53124A FAIRCHILD-MV53124A Datasheet
281Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
List of Unclassifed Man...
4302T ETC1-4302T Datasheet
44Kb / 1P
   SOLID STATE LED LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com