Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5620MWPTR Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5620MWPTR
Description  27-Line SCSI Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5620MWPTR Datasheet(HTML) 2 Page - Texas Instruments

  UCC5620MWPTR Datasheet HTML 1Page - Texas Instruments UCC5620MWPTR Datasheet HTML 2Page - Texas Instruments UCC5620MWPTR Datasheet HTML 3Page - Texas Instruments UCC5620MWPTR Datasheet HTML 4Page - Texas Instruments UCC5620MWPTR Datasheet HTML 5Page - Texas Instruments UCC5620MWPTR Datasheet HTML 6Page - Texas Instruments UCC5620MWPTR Datasheet HTML 7Page - Texas Instruments UCC5620MWPTR Datasheet HTML 8Page - Texas Instruments UCC5620MWPTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
UCC5620
Termpwr Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to +7V
Regulator Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65 C to +150 C
Junction Temperature . . . . . . . . . . . . . . . . . . .
−55 C to +150 C
Lead Temperature (Soldering, 10 Sec.). . . . . . . . . . . . . +300 C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages.
ABSOLUTE MAXIMUM RATINGS
DISCNCT
GND
LINE21
LINE20
LINE19
LINE7
LINE23
LINE9
GND
LINE27
GND
LINE24
LINE25
LINE26
LINE8
GND
LINE10
REG
GND
GND
LINE11
LINE12
14
13
12
11
10
9
8
7
6
5
4
3
2
1
23
24
25
26
27
28
29
30
31
32
33
34
35
36
18
17
16
15
LINE15
LINE3
LINE4
19
20
21
22
LINE13
LINE14
LINE1
LINE2
TRMPWR
LINE18
LINE17
LINE16
LINE22
LINE5
LINE6
CONNECTION DIAGRAM
SSOP-36 (Top View)
MWP Package
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C, TRMPWR
= 4.75V, DISCNCT = 0V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
TRMPWR Supply Current
All Termination Lines = Open
1
2
mA
All Termination Lines = 0.2V
630
650
mA
Power Down Mode
DISCNCT = TRMPWR
100
200
µA
Output Section (Termination Lines)
Termination Impedance
(Note 3)
104.5
110
115.5
Output High Voltage
(Note 1)
2.6
2.8
3.0
V
Max Output Current
VLINE = 0.2V, TJ = 25°C
−22.1 −23.3
−24
mA
VLINE = 0.2V
−20.7 −23.3
−24
mA
VLINE = 0.2V, TRMPWR = 4V, TJ = 25°C (Note 1)
−21
−23
−24
mA
VLINE = 0.2V, TRMPWR = 4V (Note 1)
−20
−23
−24
mA
VLINE = 0.5V
−22.4
mA
Output Leakage
DISCNCT = 2.4V, TRMPWR = 0V to 5.25V
10
400
nA
Output Capacitance
DISCNCT = 2.4V (Note 2)
2.5
4
pF


Similar Part No. - UCC5620MWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator
More results

Similar Description - UCC5620MWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5620 TI-UCC5620 Datasheet
65Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator
UCC5619 TI-UCC5619 Datasheet
103Kb / 4P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
UCC5622 TI-UCC5622 Datasheet
287Kb / 5P
[Old version datasheet]   27 - Line SCSI Terminator With Split Disconnect
UCC5619 TI1-UCC5619_09 Datasheet
321Kb / 7P
[Old version datasheet]   27-Line SCSI Terminator With Reverse Disconnect
UCC5622 TI1-UCC5622_15 Datasheet
219Kb / 8P
[Old version datasheet]   27 - Line SCSI Terminator With Split Disconnect
UCC5621MWP TI-UCC5621MWP Datasheet
162Kb / 5P
[Old version datasheet]   27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5621 TI-UCC5621 Datasheet
287Kb / 5P
[Old version datasheet]   27 - Line SCSI Terminator With Split Reverse Disconnect
logo
Microsemi Corporation
LX5121 MICROSEMI-LX5121 Datasheet
145Kb / 4P
   ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5122 MICROSEMI-LX5122 Datasheet
89Kb / 4P
   ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
logo
Texas Instruments
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
[Old version datasheet]   27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com