Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5606J Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC5606J
Description  9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5606J Datasheet(HTML) 4 Page - Texas Instruments

  UCC5606J Datasheet HTML 1Page - Texas Instruments UCC5606J Datasheet HTML 2Page - Texas Instruments UCC5606J Datasheet HTML 3Page - Texas Instruments UCC5606J Datasheet HTML 4Page - Texas Instruments UCC5606J Datasheet HTML 5Page - Texas Instruments UCC5606J Datasheet HTML 6Page - Texas Instruments UCC5606J Datasheet HTML 7Page - Texas Instruments UCC5606J Datasheet HTML 8Page - Texas Instruments UCC5606J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
UCC5606
SLUS347A – MAY 1995 – REVISED APRIL 2003
4
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C, TRMPWR = 3.3 V, DISCNCT = 3.3 V, RDISCNCT = 0 Ω, TA = TJ, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Regulator Section
Regulator output voltage
5.25 V > TRMPWR > 3 V
2.5
2.7
3.0
V
Drop-out voltage
All termination lines = 0.2 V
0.1
0.2
Short circuit current
VREG = 0 V
–200
–400
–800
mA
Sinking current capability
VREG = 3 V
200
400
800
Thermal shutdown
(2)
170
°C
Thermal shutdown hysteresis
(2)
10
Disconnect Section
Disconnect threshold
RDISCNCT = 0 kΩ to 80 kΩ
0.8
1.5
2.0
V
Input current
DISCNCT = 3.3 V
30
50
µA
NOTES:
1. Measuring each termination line while other eight are low (0.2 V).
2. Ensured by design. Not production tested.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DISCNCT
7
I
Taking this pin low causes the 9 channels to become high impedance and the chip to go into low
power mode. In short laptop buses an 80-k
Ω to 150-kΩ resister to TERPWR terminates the bus at
2.5 k
Ω. Less than 110 Ω to TERPWR enables the terminator.
GND
9
Ground reference for the device
LINE1 TO
LINE9
4
I
110-
Ω termination channels
REG
9
I
Output of the internal 2.7-V regulator
TRMPWR
4
Power for the device
GND*
Heat sink ground, must be tied to a large copper area or the grounding plate.


Similar Part No. - UCC5606J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
More results

Similar Description - UCC5606J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5611 TI-UCC5611 Datasheet
254Kb / 5P
[Old version datasheet]   18-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614 TI1-UCC5614_14 Datasheet
336Kb / 10P
[Old version datasheet]   9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614 TI-UCC5614 Datasheet
354Kb / 5P
[Old version datasheet]   9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
logo
Microsemi Corporation
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
UC5603 TI-UC5603 Datasheet
255Kb / 5P
[Old version datasheet]   9-Line SCSI Active Terminator
UCC5611 TI1-UCC5611_10 Datasheet
172Kb / 6P
[Old version datasheet]   18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
[Old version datasheet]   18-Line SCSI Terminator (Reverse Disconnect)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com