Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3941D-ADJ Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC3941D-ADJ
Description  1V SYNCHRONOUS BOOST CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3941D-ADJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC3941D-ADJ Datasheet HTML 3Page - Texas Instruments UCC3941D-ADJ Datasheet HTML 4Page - Texas Instruments UCC3941D-ADJ Datasheet HTML 5Page - Texas Instruments UCC3941D-ADJ Datasheet HTML 6Page - Texas Instruments UCC3941D-ADJ Datasheet HTML 7Page - Texas Instruments UCC3941D-ADJ Datasheet HTML 8Page - Texas Instruments UCC3941D-ADJ Datasheet HTML 9Page - Texas Instruments UCC3941D-ADJ Datasheet HTML 10Page - Texas Instruments UCC3941D-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
UCC2941-3, UCC2941-5, UCC2941-ADJ, UCC3941-3, UCC3941-5, UCC3941-ADJ
1V SYNCHRONOUS BOOST CONVERTER
SLUS242B – JANUARY 1999 – REVISED JUNE 2001
7
www.ti.com
APPLICATION INFORMATION
A detailed block diagram of the UCC3941 is shown in Figure 1. Unique control circuitry provides high-efficiency
power conversion for both light and heavy loads by transitioning between discontinuous and continuous
conduction based on load conditions. Figure 2 depicts converter waveforms for the application circuit shown
in Figure 3. A single 22-
µH inductor provides the energy pulses required for a highly efficient 3.3-V converter
at up to 500 mW output power.
UDG–98146
4
5
2
3
8
1
6
6
7
SD
PLIM
VGD
VIN
SW
VOUT
FB
(UCC3941–ADJ
ONLY)
PGND
SGND
(UCC3941–3/–5
ONLY)
5 Ω
VGD
* 3.3 V FOR UCC3941–3
5.0 V FOR UCC3941–5
1.25 V FOR UCC3941–ADJ
VGD
** 8.7 V FOR UCC3941–3
9.6 V FOR UCC3941–5/–ADJ
VGD
*** 7.7 V FOR UCC3941–3
8.8 V FOR UCC3941–5/–ADJ
FROM
SD
5V
1.1 A
MAX
CURRENT
LIMIT
50 mV
VIN
VIN
SD
50 mV
MAXIMUM
200 kHz
STARTUP
OSCILLATOR
AND CONTROL
VGD
VGD
VGD ZERO
DETECT
VOUT ZERO
DETECT
ANTI–RINGING
SWITCH
1.7 µS
OFF TIME
CONTROLLER
RECTIFIER
CONTROL
FROM SD
CLK
DQ
L1
RQ
SD
BOOST
LATCH
ON TIME
CONTROLLER
T
ON=
11 µSEC
VIN
VSAT
*
**
***
THERMAL
SHUTDOWN
R
Q
SD
+
+
+
+
+
+
+
NOTE: Switches are shown in the logic low state; external RPLIM = 6.2 Ω
Figure 1. 1–V Synchronous Boost


Similar Part No. - UCC3941D-ADJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941 ETC1-UCC3941 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-3 ETC1-UCC3941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-5 ETC1-UCC3941-5 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
More results

Similar Description - UCC3941D-ADJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3945 ETC1-UCC3945 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com