Electronic Components Datasheet Search |
|
UCC3918DP Datasheet(PDF) 5 Page - Texas Instruments |
|
|
UCC3918DP Datasheet(HTML) 5 Page - Texas Instruments |
5 / 13 page UCC3918 LOW ONRESISTANCE HOT SWAP POWER MANAGER SLUS384B – NOVEMBER 1999 – REVISED JUNE 2000 5 www.ti.com APPLICATION INFORMATION 9 8 5 4 13 12 10 6 7 3 2 1 16 15 14 VIN VIN VIN VOUT VOUT VOUT SHTDWN FAULT CT HEAT SINK GND PINS GND IFAULT IMAX R IMAX R IFAULT C T C SD R SD V IN S6 R L C OUT V OUT C IN D1 R1 V IN UDG–99152 Figure 1. Typical Application protecting the UCC3918 from voltage transients The parasitic inductance associated with the power distribution can cause a voltage spike at VIN if the load current is suddenly interrupted by the UCC3918. It is important to limit the peak of this spike to less than 6 V to prevent damage to the UCC3918. This voltage spike can be minimized by: • Reducing the power distribution inductance (e.g., twist the positive “+” and negative “–” leads of the power supply feeding VIN, locate the power supply close to the UCC3918 or use a PCB ground plane). • Decoupling V IN with a capacitor, CIN (refer to Figure 1), located close to the VIN pin. This capacitor is typically less than 1 µF to limit the inrush current. • Clamping the voltage at V IN below 6 V with a Zener diode, D1 (refer to Figure 1), located close to the VIN pin. estimating maximum load capacitance For circuit breaker applications, the rate at which the total output capacitance can be charged depends on the maximum output current available and the nature of the load. For a constant-current current-limited circuit breaker, the output comes up if the load requires less than the maximum available short-circuit current. To ensure recovery of a duty-cycle of the current-limited circuit breaker from a short-circuited load condition, there is a maximum total output capacitance that can be charged for a given unit ON time (fault time). The design value of ON or fault time can be adjusted by changing the timing capacitor CT. |
Similar Part No. - UCC3918DP |
|
Similar Description - UCC3918DP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |