Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3588N Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC3588N
Description  5-BIT PROGRAMMABLE OUTPUT BICMOS POWER SUPPLY CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3588N Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3588N Datasheet HTML 4Page - Texas Instruments UCC3588N Datasheet HTML 5Page - Texas Instruments UCC3588N Datasheet HTML 6Page - Texas Instruments UCC3588N Datasheet HTML 7Page - Texas Instruments UCC3588N Datasheet HTML 8Page - Texas Instruments UCC3588N Datasheet HTML 9Page - Texas Instruments UCC3588N Datasheet HTML 10Page - Texas Instruments UCC3588N Datasheet HTML 11Page - Texas Instruments UCC3588N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
UCC3588
5BIT PROGRAMMABLE OUTPUT BiCMOS
POWER SUPPLY CONTROLLER
SLUS311A – JULY 1999 – REVISED AUGUST 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
With the highest programmable output voltage of 3.5 V and the lowest possible input voltage of 4.5 V, the RMS
current Q1 will conduct is 10.5 A, and the conduction loss is:
P
CON
Q1
+ I
Q1
RMS
2
R
DS on +
1.5 W
Next, the gate drive losses are found.
P
CON
Q1
+ Q
G
f
S +
0.08 W
And the turn-off losses are estimated as
P
T OFF
Q1
+ 1
2
V
IN HI
I
D PK
tf
F
S +
0.56 W
The total loss in Q1is the sum of the three components, or about 2.1 W.
The gate drive losses in Q2 will be the same as in Q1, but the turn-off losses will be associated with the reverse
recovery of the body diode, instead of the turn-off of the channel. This is due to the UCC3588’s delay built into
the switching of the upper and lower MOSFET’s drive. For example, when Q1 is turned-off, the turn-on of Q2
is delayed for about 100 ns, insuring that the circuit has time to commutate and that current has begun to flow
in the body diode of Q2. When Q2 is turned-off, current is diverted from the channel of Q2 into the body diode
of Q2, resulting in virtually no power dissipation. When Q1 is turned ON 100ns later however, the circuit is forced
to commutate again. This time causing reverse recovery loss in the body diode of Q2 as its polarity is reversed.
The loss in the diode is expressed as:
P
RR
Q2
+ 1
2
Q
RR
V
IN HI
F
S +
0.26 W
Where QRR, the reverse recovery of the body diode, is 310 nC.
100 ns before the turn-on of Q2, and 100 ns after the turn-off of Q2, current flows through Q2’s intrinsic body
diode. The power dissipation during this interval is:
P
COM
Q2
DIODE +
I
OUT
V
DIODE
200 ns
3.33
ms +
12
1.4
0.06
+ 1W
During the ON period of Q2, current flows through the RDS(on) of the device. Where the highest RMS current
in Q1 was at the low-input and high-output condition, the highest RMS current in Q2 is found when the input
is at its highest, and the output is at its lowest. The equation for the RMS current in Q2 is:
I Q2
RMS
1
* d
MIN *
200 ns
3.33
ms
I
OUT
2 ) D
I
OUT
2
12
+
+ 8.7 A
P
CON
Q2
+ 1 Q2
RMS
2
R
DS on +
1.06 W
The worst case loss in Q2 comes to about 2.4 W.
(9)
(10)
(11)
(12)
(13)
(14)
(15)


Similar Part No. - UCC3588N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
More results

Similar Description - UCC3588N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Texas Instruments
UCC391 TI-UCC391 Datasheet
40Kb / 3P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Precision Voltage Reference
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
logo
Texas Instruments
UCC3830- TI-UCC3830- Datasheet
419Kb / 10P
[Old version datasheet]   5-Bit Microprocessor Power Supply Controller
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV. 0
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV. A
logo
STMicroelectronics
L6918 STMICROELECTRONICS-L6918 Datasheet
760Kb / 35P
   5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com