Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3917D Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3917D
Description  Positive Floating Hot-Swap Power Manager
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3917D Datasheet(HTML) 3 Page - Texas Instruments

  UCC3917D Datasheet HTML 1Page - Texas Instruments UCC3917D Datasheet HTML 2Page - Texas Instruments UCC3917D Datasheet HTML 3Page - Texas Instruments UCC3917D Datasheet HTML 4Page - Texas Instruments UCC3917D Datasheet HTML 5Page - Texas Instruments UCC3917D Datasheet HTML 6Page - Texas Instruments UCC3917D Datasheet HTML 7Page - Texas Instruments UCC3917D Datasheet HTML 8Page - Texas Instruments UCC3917D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
UCC2917
UCC3917
www.ti.com
SLUS203D – FEBRUARY 2000 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
0°C
≤ TA ≤ 70°C for the UCC3917, –40°C to 85°C for the UCC2917, CCT = 4.7 nF, TA = TJ, all voltages are with respect to
VOUT, current is positive into and negative out of the specified terminal, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
IDD
Supply current(1)
From VOUT
4.0
5
11
mA
UVLO turn on threshold
7.9
8.8
9.7
V
UVLO off voltage
5.5
6.5
7.5
V
VSS regulator voltage
–6
–5
–4
V
FAULT TIMING
TA = 25°C
47.5
50
53
mV
Overcurrent threshold
Over operating temperature
46
50
54
mV
Overcurrent input bias
50
500
CT charge current bias
VCT = 1 V
–78
–50
–28
µA
CT catastrophic fault threshold
3.4
4.5
V
CT fault threshold
2.25
2.5
2.75
V
CT reset threshold
0.32
0.5
0.62
V
D
Output duty cycle
Fault condition
1.7%
2.7%
3.7%
OUTPUT
IOUT = 0
6
8
10
VOH
High-level output voltage
V
IOUT = –100 µA
5
7
9
IOUT = 500 µA
0.03
0.50
VOL
Output low voltage
V
IOUT = 1 mA
0.6
0.9
LINEAR CURRENT
VMAXI = 100 mV
85
100
115
mV
Sense control voltage
VMAXI = 400 mV
370
400
430
mV
IBIAS
Input bias current
VMAXI = 200 mV
50
500
nA
SHUTDOWN
Shutdown threshold
2.0
2.4
2.8
V
Input current
VSHTDWN = 0 V
24
40
60
µA
Shutdown delay
100
500
ns
LATCH
VLATCH
Latch threshold
1.7
2
2.3
V
Input current
VLATCH = 0 V
24
40
60
µA
FLTOUT
Fault output high
VCT = 0 V, ISOURCE = 0 µA
6
8
10
V
Fault output low
VCT = 5 V, ISINK = 200 µA
0.01
0.05
V
POWER LIMITING
VSENSE regulator voltage
IPLIM = 64 µA
4.5
5.
5.5
V
IPLIM = 64 µA
0.6%
1.2%
1.7%
Duty cycle control
IPLIM = 1 mA
0.045%
0.1%
0.2%
VREF/CATFLT
VREF regulator voltage
4.5
5.
5.5
V
Fault output low
IVREF/CATFLT = 5 mA
0.22
0.50
V
ISINK
Output sink current
VCT = 5 V, VVREF/CATFLT = 5 V
15
40
70
mA
Overload comparator threshold
Relative to MAXI
110
200
290
mV
(1)
Set by user using the RSS resistor.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UCC2917 UCC3917
Obsolete Devices


Similar Part No. - UCC3917D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
More results

Similar Description - UCC3917D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com