Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3888NG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3888NG4
Description  OFF-LINE POWER SUPPLY CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3888NG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3888NG4 Datasheet HTML 1Page - Texas Instruments UCC3888NG4 Datasheet HTML 2Page - Texas Instruments UCC3888NG4 Datasheet HTML 3Page - Texas Instruments UCC3888NG4 Datasheet HTML 4Page - Texas Instruments UCC3888NG4 Datasheet HTML 5Page - Texas Instruments UCC3888NG4 Datasheet HTML 6Page - Texas Instruments UCC3888NG4 Datasheet HTML 7Page - Texas Instruments UCC3888NG4 Datasheet HTML 8Page - Texas Instruments UCC3888NG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
THEORY OF OPERATION
UCC2888
UCC3888
SLUS159B – MARCH 1997 – REVISED JUNE 2007
With reference to the application diagram below, when input voltage is first applied, the current through RON into
TON is directed to VCC where it charges the external capacitor, C3, connected to VCC. As voltage builds on VCC,
an internal undervoltage lockout holds the circuit off and the output at DRIVE low until VCC reaches 8.4 V. At this
time, DRIVE goes high, turning on the power switch, Q1, and redirecting the current into TON to the timing
capacitor, CT. CT charges to a fixed threshold with a current ICHG = 0.8 • (VIN – 4.5 V)/RON. Because DRIVE is
high only as long as CT charges, the power switch on time will be inversely proportional to line voltage. This
provides a constant (line voltage)
• (switch on time) product.
At the end of the on time, Q1 is turned off, and the current through RON is again diverted to VCC. Thus the
current through RON, which charges CT during the on time, contributes to supplying power to the chip during the
off time.
The power switch off time is controlled by the discharge of CT, which, in turn, is programmed by the regulated
output voltage. The relationship between CT discharge current, IDCHG, and output voltage is illustrated as follows:
Region 1. When VOUT = 0, the off time is infinite. This feature provides inherent short circuit protection. However,
to ensure output voltage startup when the output is not a short, a high-value resistor, RS, is placed in parallel
with CT to establish a minimum switching frequency.
Region 2. As VOUT rises above approximately 0.7 V to its regulated value, IDCHG is defined by ROFF, and is equal
to:
IDCHG = (VOUT– 0.7V) / ROFF
As VOUT increases, IDCHG increases reducing off time. The operating frequency increases and VOUT rises quickly
to its regulated value.
Region 3. In this region, a transconductance amplifier reduces IDCHG to maintain a regulated VOUT.
Region 4. If VOUT should rise above its regulation range, IDCHG falls to zero and the circuit returns to the
minimum frequency established by RS and CT.
The range of switching frequencies is established by RON, ROFF, RS, and CT as follows:
Frequency = 1/(TON + TOFF)
TON = RON• CT• 4.6 V/(VIN – 4.5 V)
TOFF (max) = 1.4 • RS• CT Regions 1 and 4
TOFF = ROFF• CT• 3.7 V/(VOUT – 0.7 V) Region 2, excluding the effects of RS, which have a minimal impact
on TOFF.
The above equations assume that VCC equals 9 V. The voltage at TON increases from approximately 2.5 V to
6.5 V while CT is charging. To take this into account, VIN is adjusted by 4.5 V in the calculation of TON. The
voltage at TOFF is approximately 0.7 V.
2
Submit Documentation Feedback


Similar Part No. - UCC3888NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3888 TI-UCC3888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
More results

Similar Description - UCC3888NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
logo
Shenzhen Xinmao Microel...
LP3773 LANDP-LP3773 Datasheet
665Kb / 9P
   Low-Power off-line / PSR controller
logo
Linkage Goston Electron...
DK124 LINKAGE-DK124 Datasheet
4Mb / 7P
   24 W off-line switch power supply
LNK315D LINKAGE-LNK315D Datasheet
4Mb / 7P
   24 W off-line switch power supply
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com