Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC381DPTR-5G4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC381DPTR-5G4
Description  Low Dropout 1 Ampere Linear Regulator Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC381DPTR-5G4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC381DPTR-5G4 Datasheet HTML 4Page - Texas Instruments UCC381DPTR-5G4 Datasheet HTML 5Page - Texas Instruments UCC381DPTR-5G4 Datasheet HTML 6Page - Texas Instruments UCC381DPTR-5G4 Datasheet HTML 7Page - Texas Instruments UCC381DPTR-5G4 Datasheet HTML 8Page - Texas Instruments UCC381DPTR-5G4 Datasheet HTML 9Page - Texas Instruments UCC381DPTR-5G4 Datasheet HTML 10Page - Texas Instruments UCC381DPTR-5G4 Datasheet HTML 11Page - Texas Instruments UCC381DPTR-5G4 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
UCC281DPTR-5
SOIC
D
8
2500
346.0
346.0
29.0
UCC281DPTR-ADJ
SOIC
D
8
2500
346.0
346.0
29.0
UCC381DPTR-3
SOIC
D
8
2500
346.0
346.0
29.0
UCC381DPTR-5
SOIC
D
8
2500
346.0
346.0
29.0
UCC381DPTR-ADJ
SOIC
D
8
2500
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Aug-2008
Pack Materials-Page 2


Similar Part No. - UCC381DPTR-5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC381DPTR-5 TI-UCC381DPTR-5 Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
More results

Similar Description - UCC381DPTR-5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com