Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC283TDTR-3G3 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC283TDTR-3G3
Description  LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC283TDTR-3G3 Datasheet(HTML) 4 Page - Texas Instruments

  UCC283TDTR-3G3 Datasheet HTML 1Page - Texas Instruments UCC283TDTR-3G3 Datasheet HTML 2Page - Texas Instruments UCC283TDTR-3G3 Datasheet HTML 3Page - Texas Instruments UCC283TDTR-3G3 Datasheet HTML 4Page - Texas Instruments UCC283TDTR-3G3 Datasheet HTML 5Page - Texas Instruments UCC283TDTR-3G3 Datasheet HTML 6Page - Texas Instruments UCC283TDTR-3G3 Datasheet HTML 7Page - Texas Instruments UCC283TDTR-3G3 Datasheet HTML 8Page - Texas Instruments UCC283TDTR-3G3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics TA = 0°C to 70°C for the UCC383−x series, TA = −40°C to 85°C for the
UCC283−x, VVIN = VVOUT + 1.5 V, IOUT = 10 mA, CIN = 10 mF, COUT = 22 mF. For the UCC283−ADJ, VVIN
= 6.5 V, VOUT = 5.0 V, CT = 750 pF, TJ = TA unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UCC283−ADJ Adjustable Output, 3 A Family
Regulating voltage at ADJ pin
TJ = 25
°C
1.23
1.25
1.27
V
Regulating voltage at ADJ pin
Over temperature
1.22
1.28
V
Line regulation voltage, at ADJ input
VVIN = VVOUT + 150 mV to 9 V
1
3
mV
Load regulation voltage, at ADJ input
IOUT = 10 mA to 3 A
2
5
mV
VOUT = 4.85 V,
IOUT = 3 A
0.4
0.6
V
Dropout voltage, VDROPOUT = VIN − VOUT
VOUT = 4.85 V,
IOUT = 1.5 A
0.2
0.45
V
Dropout voltage, VDROPOUT = VIN − VOUT
VOUT = 4.85 V,
IOUT = 10 mA
50
150
mV
Peak current limit
VVOUT = 0 V
4
7
10
A
Overcurrent threshold
3
4
5.5
A
Current limit duty cycle
VVOUT = 0 V
3
5
%
Overcurrent time out, tON
VVOUT = 0 V
300
575
1200
µs
Reverse leakage current
1 V < VVIN < VVOUT
VVOUT ≤ 9 V, at VVOUT
30
100
µA
Bias current at ADJ input
20
250
nA
Quiescent current
No load
400
650
µA
Shutdown threshold
At CT input
0.25
0.65
V
Quiescent current in shutdown
VVIN = 9 V
40
75
µA
UVLO
VIN where VOUT passes current
2.5
2.8
3
V
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Input voltage
VIN
9 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CT
−0.3 V to 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ADJ
−0.3 V to 9 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - UCC283TDTR-3G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283TDTR-3G3 TI1-UCC283TDTR-3G3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283TDTR-3G3

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com