Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3890N Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC3890N
Description  Off-Line Battery Charger Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3890N Datasheet(HTML) 7 Page - Texas Instruments

  UCC3890N Datasheet HTML 1Page - Texas Instruments UCC3890N Datasheet HTML 2Page - Texas Instruments UCC3890N Datasheet HTML 3Page - Texas Instruments UCC3890N Datasheet HTML 4Page - Texas Instruments UCC3890N Datasheet HTML 5Page - Texas Instruments UCC3890N Datasheet HTML 6Page - Texas Instruments UCC3890N Datasheet HTML 7Page - Texas Instruments UCC3890N Datasheet HTML 8Page - Texas Instruments UCC3890N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UCC1890
UCC2890
UCC3890
low the regulation point of 1.25V. The minimum value
for TOFF is 8.75
µs. So in this case
ROFF
=
8.75
µs • (1.24V − 0.4V)
150pF
• 3.4V
= 15k
OTHER APPLICATION CONSIDERATIONS
Output Capacitor: For best regulation of the output
voltage or current, the output capacitor should be a low
ESR type. This is especially true when operating in cur-
rent sense mode with a non-linear load such as a bat-
tery. If a low ESR capacitor cannot be used, excellent
regulation can also be achieved by placing a low pass
R/C filter between the current shunt and the CS input.
No Load Operation: The UCC3890 is inherently pro-
tected for short circuits, but not for open circuits. If the
load is removed, the output voltage will quickly rise up
to the regulation point. Once the output is above the
regulation voltage, the oscillator will drop to the mini-
mum frequency set by RS/CT. With no load on the out-
put, even at this low frequency the output voltage can
quickly rise to a dangerous level. To protect against this,
it is recommended that a zener or other voltage clamp
always be connected across the output. The clamp
should be chosen to be above the normal range of out-
put voltage, but low enough to protect the output ca-
pacitor. In current sense operation, removal of the load
will also break the regulation loop, in which case a sim-
ple clamp on the output may not be adequate. In current
sense mode it is recommended that a second zener be
connected from the output to the FB pin, the breakdown
voltage of this clamp chosen to be high enough so that
it will not conduct during normal operation, but will con-
duct at least 2V lower than the breakdown voltage of
the other clamp.
Gate Drive for the External FET: The UCC3890 is
guaranteed to be able to deliver at least 1mA of steady
state current to the gate of the external FET at ITON =
2mA. If ITON is higher than 2mA, 80% of the additional
current is available to drive the FET gate. If, as in the
design example above, a moderate sized FET such as
the IRF820 is used, the operating frequency is 100kHz,
and the minimum ITON at low line is 2.8mA, then the
available gate drive current may be adequate. The
IRF820 needs about 13nC to charge the gate on each
cycle. At 100kHz, this is equivalent to 1.3mA steady
state; below the minimum 1.64mA available. In some
combinations of a larger FET, and/or higher frequency
operation, the current available for driving the gate may
not be adequate. In that case extra current may be pro-
vided by connecting a resistor RDD from the line input to
the VDD pin. This resistor should be sized so that under
all conditions the current input to VDD is below the
7.5mA absolute maximum limit. RDD will likely need to
be a power resistor.
UNITRODE CORPORATION
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
APPLICATION INFORMATION (cont.)
7


Similar Part No. - UCC3890N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3890 TI-UCC3890 Datasheet
215Kb / 8P
[Old version datasheet]   Off-Line Battery Charger Circuit
More results

Similar Description - UCC3890N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1890 TI-UCC1890 Datasheet
215Kb / 8P
[Old version datasheet]   Off-Line Battery Charger Circuit
logo
STMicroelectronics
AN1620 STMICROELECTRONICS-AN1620 Datasheet
62Kb / 4P
   25W OFF-LINE AUTORANGING BATTERY CHARGER
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
   SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
ADP3810 AD-ADP3810 Datasheet
457Kb / 16P
   Secondary Side, Off-Line Battery Charger Controllers
REV. 0
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
   SMPS battery charger control circuit
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com