Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3884 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3884
Description  Frequency Foldback Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3884 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC3884 Datasheet HTML 4Page - Texas Instruments UCC3884 Datasheet HTML 5Page - Texas Instruments UCC3884 Datasheet HTML 6Page - Texas Instruments UCC3884 Datasheet HTML 7Page - Texas Instruments UCC3884 Datasheet HTML 8Page - Texas Instruments UCC3884 Datasheet HTML 9Page - Texas Instruments UCC3884 Datasheet HTML 10Page - Texas Instruments UCC3884 Datasheet HTML 11Page - Texas Instruments UCC3884 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Oscillator
11
12
13
6
CLKSYNC
ION
IOFF
VOUT
10
CT
+
3.5V
3V
V
REF
14
8.8X
SYNCEN
3.5V
1.5V
S
Q
Q
R
SYNCEN
3.0V
+
CLK
V
REF
1.5V
UCC2884
UCC3884
www.ti.com............................................................................................................................................. SLUS160C – AUGUST 1999 – REVISED NOVEMBER 2008
The oscillator has charge and discharge currents programmed with resistors to ground from ION and IOFF
respectively, as seen on the Oscillator Block Diagram.(Figure 1). This generates a linear sawtooth waveform on
CT. Frequency foldback is accomplished by the level shifted output voltage controlling the VOUT voltage which
decreases the discharge current and the frequency.
Synchronization is accomplished by coupling the fastest oscillator CLKSYNC signal as shown on the Oscillator
Synchronization Diagram (Figure 2). The fastest (master) CLKSYNC pin couples a negative pulse into the slower
(slave) CLKSYNC pins forcing the slaves’ CT pins to quickly discharge as shown on the Oscillator Waveform
diagram (Figure 3).
Figure 1. UCC3884 Oscillator
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC2884 UCC3884


Similar Part No. - UCC3884

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3884 TI-UCC3884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
More results

Similar Description - UCC3884

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1884 TI-UCC1884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com