Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2884 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC2884
Description  Frequency Foldback Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2884 Datasheet(HTML) 4 Page - Texas Instruments

  UCC2884 Datasheet HTML 1Page - Texas Instruments UCC2884 Datasheet HTML 2Page - Texas Instruments UCC2884 Datasheet HTML 3Page - Texas Instruments UCC2884 Datasheet HTML 4Page - Texas Instruments UCC2884 Datasheet HTML 5Page - Texas Instruments UCC2884 Datasheet HTML 6Page - Texas Instruments UCC2884 Datasheet HTML 7Page - Texas Instruments UCC2884 Datasheet HTML 8Page - Texas Instruments UCC2884 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS
UCC2884
UCC3884
SLUS160C – AUGUST 1999 – REVISED NOVEMBER 2008............................................................................................................................................. www.ti.com
Unless otherwise specified, these specifications apply for TA = -40°C to 85°C for the UCC2884, and 0°C to 70°C for the
UCC3884, CT = 220 pF, RON = 53 kΩ, ROFF = 38 kΩ, VOUT = VREF, VVS = 0 V, CSS = 2.5 nF, VDD = 11 V, Output no load,
TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5-V Reference
VREF
IREF = 0 mA
4.86
5
5.14
V
Line regulation
VDD = 10 V to 12 V
1
10
mV
Load regulation
0 < IREF < 5 mA
1
20
Short circuit
VREF = 0 V
15
45
mA
Oscillator
Accuracy
VOUT = VREF
360
400
440
kHz
Foldback frequency
VOUT = 0.75 V
200
230
260
CLKSYNC output high
4.8
5
5.2
V
CLKSYNC output low
0.0
0.4
CLKSYNC sink current
CLKSYNC = 1 V
1.2
2.2
mA
CLKSYNC source current
CLKSYNC = 3 V
–0.2
0.1
CLKSYNC input threshold
CLKSYNC from 5 V to 0 V (edge detect)
2.5
3.0
3.5
V
Error Amplifier
IB
Total bias current; regulating level
–1
1
µA
FB voltage
FB = COMP
2.43
2.5
2.57
V
AVO
50
90
dB
GBW
F = 100 kHz (1)
2.5
5
MHz
Output source current
FB = 2.3 V, COMP = 2.5 V
–0.6
–1.2
mA
Output sink current
FB = 2.7 V, VCOMP = 1 V
0.250
1.5
VOL
IO = 100 µA
0.3
0.9
V
VOL
IO = –100 µA
2.7
3.1
3.5
PWM
Minimum duty cycle
FB = 3 V, CS = 0 V
0%
Maximum duty cycle
FB = 0 V, CS = 0 V
75%
78%
81%
Current Sense
Input bias current (CS)
3.0
µA
CS shutdown threshold
1.235
1.3
1.365
V
CS shutdown hysteresis
20
mV
CS over current threshold
0.95
1
1.05
V
Current/FAULT
Soft start charge current
–10
–20
–30
µA
Soft start discharge current
10
20
30
VOL
0
50
mV
Soft start complete threshold
3.6
4
4.4
V
Soft start restart threshold
0.4
0.5
0.6
(1)
Specified by design. Not 100% tested in production.
4
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC2884 UCC3884


Similar Part No. - UCC2884

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2884 TI-UCC2884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
More results

Similar Description - UCC2884

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1884 TI-UCC1884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com