Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3890 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3890
Description  Off-Line Battery Charger Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3890 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3890 Datasheet HTML 1Page - Texas Instruments UCC3890 Datasheet HTML 2Page - Texas Instruments UCC3890 Datasheet HTML 3Page - Texas Instruments UCC3890 Datasheet HTML 4Page - Texas Instruments UCC3890 Datasheet HTML 5Page - Texas Instruments UCC3890 Datasheet HTML 6Page - Texas Instruments UCC3890 Datasheet HTML 7Page - Texas Instruments UCC3890 Datasheet HTML 8Page - Texas Instruments UCC3890 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UCC1890
UCC2890
UCC3890
IDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5mA
Current into TON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5mA
Voltage on VOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Current into TOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250
µA
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
CONNECTION DIAGRAMS
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations
and considerations of packages.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
General
VDD Zener Voltage
IDD = 4.75mA,ITON = 0mA
8.3
9.0
9.4
V
Minimum Operating Current ITON
IDD = –1mA, F = 150kHz
1.65
2.0
mA
Undervoltage Lockout
Minimum Voltage to Start
FB = 0
7.8
8.6
9.2
V
Minimum Voltage after Start
FB = 0
5.75
6.3
6.65
V
Hysteresis
FB = 0
1.8
2.3
2.6
V
VDD – VSTART
FB = 0
0.2
0.4
0.7
V
Oscillator
Amplitude
ITON = 3mA; ITOFF = 50
µA; VFB = 0V CT = 100pF
3.1
3.4
3.7
V
CT to DRIVE High Delay
Overdrive = 200mV
80
200
ns
CT to DRIVE Low Delay
Overdrive = 200mV
50
100
ns
Charge Coefficient ICT/ITON
ITON = 3mA; VCT = 3.0V
0.135
0.15
0.165
µA/µA
Discharge Coefficent ICT/ITOFF
ITOFF = 50
µA; VCT = 3.0V
0.95
1.00
1.05
µA/µA
Driver
VOL
I = 100mA (Note 1)
0.7
1.8
V
VOH
I = –100mA referred to VDD (Note 1)
–2.9
–1.5
V
Rise Time
CL = 1nF
35
70
ns
Fall Time
CL = 1nF
30
60
ns
Line Voltage Detection
Minimum ITON for Fault
1.0
1.5
2.0
mA
ITON Detector Hysteresis
110
µA
On Time During Fault
0.5
µs
VOUT Error Amplifier
Reference Level
ITOFF = 50
µA, ICT = 25µA, TJ = 25°C
1.20
1.25
1.30
V
ITOFF = 50
µA, ICT = 25µA, Over Temperature
1.15
1.25
1.35
V
Voltage at TOFF
ITOFF = 50
µA
0.3
0.4
0.5
V
Regulation gm
ITOFF = 50
µA (Note 2)
2.0
4.0
7.7
mA/V
Current Sense Amplifier
Gain
VCS = 90 – 110mV
11.8
12.5
13.0
V/V
Input Offset Voltage
VCS = 90 – 110mV
–5
0
5
mV
Input Voltage for CS Amplifier Enabled
ITON = 3mA, Referred to VDD
–1.5
–0.8
V
Input Voltage for CS Amplifier Disabled
ITON = 3mA, Referred to VDD
–0.8
–0.3
V
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = –55
°C to 125°C for
UCC1890, –40°C to 85°C for the UCC2890, and 0°C to 70°C for the UCC3890. No load at DRIVE pin (CLOAD = 0), TA = TJ.
DIL-8, SOIC-8 (Top View)
J, N, or D Packages
Note 1: VDD forced to 100mV below VDD Zener Voltage
Note 2: gm is defined as
∆ICT
∆VFB
for the values of VFB where the error amp is in regulation. The two points used to calculate gm
are for ICT at 65% amd 35% of its maximum value.
2


Similar Part No. - UCC3890

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3890 TI-UCC3890 Datasheet
215Kb / 8P
[Old version datasheet]   Off-Line Battery Charger Circuit
More results

Similar Description - UCC3890

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1890 TI-UCC1890 Datasheet
215Kb / 8P
[Old version datasheet]   Off-Line Battery Charger Circuit
logo
STMicroelectronics
AN1620 STMICROELECTRONICS-AN1620 Datasheet
62Kb / 4P
   25W OFF-LINE AUTORANGING BATTERY CHARGER
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
   SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
ADP3810 AD-ADP3810 Datasheet
457Kb / 16P
   Secondary Side, Off-Line Battery Charger Controllers
REV. 0
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
   SMPS battery charger control circuit
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com