Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV7111233 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV7111233
Description  Over-Current and Thermal Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7111233 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV7111233 Datasheet HTML 5Page - Texas Instruments TLV7111233 Datasheet HTML 6Page - Texas Instruments TLV7111233 Datasheet HTML 7Page - Texas Instruments TLV7111233 Datasheet HTML 8Page - Texas Instruments TLV7111233 Datasheet HTML 9Page - Texas Instruments TLV7111233 Datasheet HTML 10Page - Texas Instruments TLV7111233 Datasheet HTML 11Page - Texas Instruments TLV7111233 Datasheet HTML 12Page - Texas Instruments TLV7111233 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
70
60
50
40
30
20
10
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=V
=4.8V
I
=50mA
OUT1
OUT2
OUT
120
100
80
60
40
20
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=V
=4.8V
I
=100mA
OUT1
OUT2
OUT
180
160
140
120
100
80
60
40
20
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=V
=4.8V
I
=150mA
OUT1
OUT2
OUT
250
200
150
100
50
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=V
=4.8V
I
=200mA
OUT1
OUT2
OUT
200
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40°C
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-
°C
40
TLV710 Series
TLV711 Series
www.ti.com
SBVS142A – JULY 2010 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range of TJ = –40°C to +125°C, VEN1 = VEN2 = VIN, CIN = 1mF, COUT1 = 1mF, and COUT2 = 1mF,
unless otherwise noted. Typical values are at TJ = +25°C.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs INPUT VOLTAGE
vs INPUT VOLTAGE
Figure 19.
Figure 20.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs INPUT VOLTAGE
vs INPUT VOLTAGE
Figure 21.
Figure 22.
DROPOUT VOLTAGE vs OUTPUT CURRENT: VOUT2
DROPOUT VOLTAGE vs OUTPUT CURRENT: VOUT1/VOUT2
(TLV7101828)
(TLV7103333)
Figure 23.
Figure 24.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TLV7111233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7111233DSER TI1-TLV7111233DSER Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111233DSER TI1-TLV7111233DSER Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111233DSET TI1-TLV7111233DSET Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111233DSET TI1-TLV7111233DSET Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV7111233

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com