Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC1890 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1890
Description  Off-Line Battery Charger Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1890 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1890 Datasheet HTML 1Page - Texas Instruments UCC1890 Datasheet HTML 2Page - Texas Instruments UCC1890 Datasheet HTML 3Page - Texas Instruments UCC1890 Datasheet HTML 4Page - Texas Instruments UCC1890 Datasheet HTML 5Page - Texas Instruments UCC1890 Datasheet HTML 6Page - Texas Instruments UCC1890 Datasheet HTML 7Page - Texas Instruments UCC1890 Datasheet HTML 8Page - Texas Instruments UCC1890 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3/97
DESCRIPTION
Transformerless Off-Line
Operation
Low Voltage Operation to 0.8V
Ideal for Battery Trickle Charger
Applications
Current Mode Operation With
100mV Shunt
Voltage Mode Operation With
Fixed 1.25V Output or Resistor
Adjustable Output
Efficient BiCMOS Design
Inherent Short Circuit Protection
The UCC3890 controller is optimized for use as an off-line, low power, low
voltage, regulated current supply, ideally suited for battery trickle charger
applications. The unique circuit topology used in this device can be visual-
ized as two cascaded flyback converters; each operating in the discon-
tinuous mode, and both driven from a single external power switch. The
significant benefit of this approach is the ability to charge low voltage bat-
teries in off-line applications with no transformer, and low internal losses.
The control algorithm used by the UCC3890 forces a switch on time in-
versely proportional to the input line voltage, while the switch off time is
inversely proportional to the output voltage. This action is automatically
controlled by an internal feedback loop and reference. The cascaded con-
figuration allows a large voltage conversion ratio with reasonable switch
duty cycle.
While the UCC3890 is ideally suited for control of constant current battery
chargers, provision is also made to operate as a fixed 1.25V regulated
supply, or to use a resistor voltage divider to obtain output voltages higher
than 1.25V.
UCC1890
UCC2890
UCC3890
Off-Line Battery Charger Circuit
FEATURES
BLOCK DIAGRAM
UDG-96052
Note:
This device incorporates patented technology used under license from
Lambda Electronics, Inc.


Similar Part No. - UCC1890

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1890 TI-UCC1890 Datasheet
215Kb / 8P
[Old version datasheet]   Off-Line Battery Charger Circuit
More results

Similar Description - UCC1890

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1890 TI-UCC1890 Datasheet
215Kb / 8P
[Old version datasheet]   Off-Line Battery Charger Circuit
logo
STMicroelectronics
AN1620 STMICROELECTRONICS-AN1620 Datasheet
62Kb / 4P
   25W OFF-LINE AUTORANGING BATTERY CHARGER
logo
Analog Devices
ADP3810 AD-ADP3810_15 Datasheet
5Mb / 14P
   SECONDARY SIDE OFF LINE BATTERY CHARGER CONTROLLERS
REV. 0
ADP3810 AD-ADP3810 Datasheet
457Kb / 16P
   Secondary Side, Off-Line Battery Charger Controllers
REV. 0
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
   SMPS battery charger control circuit
April 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com