Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC381-5 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC381-5
Description  Low Dropout 1 Ampere Linear Regulator Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC381-5 Datasheet(HTML) 4 Page - Texas Instruments

  UCC381-5 Datasheet HTML 1Page - Texas Instruments UCC381-5 Datasheet HTML 2Page - Texas Instruments UCC381-5 Datasheet HTML 3Page - Texas Instruments UCC381-5 Datasheet HTML 4Page - Texas Instruments UCC381-5 Datasheet HTML 5Page - Texas Instruments UCC381-5 Datasheet HTML 6Page - Texas Instruments UCC381-5 Datasheet HTML 7Page - Texas Instruments UCC381-5 Datasheet HTML 8Page - Texas Instruments UCC381-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
UCC281-3/-5/-ADJ
UCC381-3/-5/-ADJ
PIN DESCRIPTIONS
CT: For UCC381-3 and UCC381-5 versions, this is the
shutdown pin which, when pulled low, turns off the regu-
lator output and puts the device in a low current state.
For the UCC381-ADJ version, a capacitor is required be-
tween the CT pin and GND to set the TON time during
overcurrent according to the following (typical) equation:
TC
ON
CT
=•
660 000
,
GND: All voltages are measured with respect to this pin.
This is the low noise ground reference input for regula-
tion. The output decoupling capacitor should be tied to
PIN 7.
VIN: Positive supply input for the regulator. Bypass this
pin to GND with at least 1
µF of low ESR, ESL capaci-
tance if the source is located further than 1 inch from the
device.
VOUT: Output for regulator. The regulator does not re-
quire a minimum output capacitor for stability. Choose
the appropriate size capacitor for the application with re-
spect to the required transient loading. For example, if
the load is very dynamic, a large capacitor will smooth
out the response to load steps.
VOUTS: Feedback for regulator sensing of the output
voltage. For loads which are a considerable resistive dis-
tance from the VOUT pin, the VOUTS pin can be used to
move the resistance into the control loop of the regulator,
thereby effectively canceling the IR drop associated with
the load path. For local regulation, merely connect this
pin directly to the VOUT pin. For the UCC381-ADJ ver-
sion, the output voltage can be set by two external resi-
tors according to the following relationship:
V
R
R
OUT =•
+
125
1
2
1
.
where R1 is a resistor connected between VOUT and
VOUTS and R2 is a resistor connected between VOUTS
and GND.
7
6
3
2
8
5
4
1
1.0
µF
R
1
NOTE 1
R
2
NOTE 1
C
T
NOTE 2
SHUTDOWN
V
IN
CT
VIN
GND
GND
GND
GND
VOUTS
VOUT
OUTPUT
C
OUT
UCC381
TYPICAL APPLICATION CIRCUIT
Note 1: R1 and R2 for adjustable version only. For 3.3V and 5V versions connect VOUT to VOUTS. See Pin Descriptions.
Note 2: C
T timing capacitor is for adjustable version only. For 3.3V and 5V versions, the CT pin is used to enable or shutdown
the part. See Pin Descriptions.
UDG-98148


Similar Part No. - UCC381-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC381-5 TI-UCC381-5 Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
More results

Similar Description - UCC381-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com